Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD9535GS Datasheet(PDF) 12 Page - Leadtrend Technology

Part # LD9535GS
Description  Multi-Mode PWM Controller of Flyback with MOSFET Integrated
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADTREND [Leadtrend Technology]
Direct Link  https://www.leadtrend.com.tw/
Logo LEADTREND - Leadtrend Technology

LD9535GS Datasheet(HTML) 12 Page - Leadtrend Technology

Back Button LD9535GS Datasheet HTML 8Page - Leadtrend Technology LD9535GS Datasheet HTML 9Page - Leadtrend Technology LD9535GS Datasheet HTML 10Page - Leadtrend Technology LD9535GS Datasheet HTML 11Page - Leadtrend Technology LD9535GS Datasheet HTML 12Page - Leadtrend Technology LD9535GS Datasheet HTML 13Page - Leadtrend Technology LD9535GS Datasheet HTML 14Page - Leadtrend Technology LD9535GS Datasheet HTML 15Page - Leadtrend Technology LD9535GS Datasheet HTML 16Page - Leadtrend Technology  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
LD9535
01/08/2019
12
Leadtrend Technology Corporation
www.leadtrend.com.tw
LD9535-DS-00 January 2019
CCM Switching Frequency Clamp
According to the QR operation principle, the switching
frequency is inversely proportional to the output power.
Therefore, as the output power increases, the switching
frequency can become rather low without limiting. The
CCM switching frequency of LD9535 is clamped at 65
kHz internally to provide the optimized operations by
considering the EMI performance, thermal treatment,
component sizes and transformer design
.
Over Voltage Protection on VCC Pin
(VCC OVP)
– Auto Recovery
LD9535 is implemented with an OVP function on VCC.
Whenever the VCC voltage is higher than the OVP
threshold voltage, the LD9535
will be shutdown
simultaneously thus to stop the switching of the power
MOSFET until the next UVLO(ON).The VCC OVP
function in LD9535 is an auto-recovery type protection.
The Fig. 16 shows its operation.
On the other hand, if the OVP condition is removed, the
VCC level will get back to normal level and the output
will automatically return to the normal operation.
VCC
UVLO(on)
UVLO(off)
t
OVP Tripped
t
OUT
Switching
Switching
Non-Switching
OVP Level
Fig. 16
Over
Load
Protection
(OLP)
– Auto
Recovery
To protect the circuit from damage due to over-load
condition and short or open-loop condition, the LD9535
is implemented with smart OLP function. It also features
auto
–recovery function, see Fig. 17 for the waveform. In
case of fault condition, the feedback system will force
the voltage loop toward the saturation and then pull the
voltage high on COMP pin (VCOMP).
When the VCOMP
ramps up to the OLP threshold of 2.8V and continues
over OLP delay time, the protection will be activated and
then turn off the gate output to stop the switching of
power circuit.
With the protection mechanism, the average input
power will be minimized to remain the component
temperature and stress within the safe operating area.
VCC
UVLO(on)
UVLO(off)
t
t
COMP
OLP
2.8V
t
OUT
OLP delay time
Switching
Switching
Non-Switching
OLP trip Level
UVLO(off)
OLP Reset
Fig. 17
Over Voltage Protection on FB Pin (FB
OVP)
– Auto Recovery
An output overvoltage protection is implemented in the
LD9535. The auxiliary winding voltage can be reflected
from secondary winding, in which the FB pin voltage is
proportional to output voltage during the gate off time.
OVP is worked by sensing the auxiliary voltage via the
divided resistors R2, refereeing to Fig. 18. The equation
of FB OVP is shown as follows.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com