Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LX5261CDP Datasheet(PDF) 1 Page - Microsemi Corporation

Part # LX5261CDP
Description  27-Line LVD SCSI Source/Sink Regulator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX5261CDP Datasheet(HTML) 1 Page - Microsemi Corporation

  LX5261CDP Datasheet HTML 1Page - Microsemi Corporation LX5261CDP Datasheet HTML 2Page - Microsemi Corporation LX5261CDP Datasheet HTML 3Page - Microsemi Corporation LX5261CDP Datasheet HTML 4Page - Microsemi Corporation LX5261CDP Datasheet HTML 5Page - Microsemi Corporation LX5261CDP Datasheet HTML 6Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Microsemi
Integrated Products Division
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 1
Copyright
© 2000
Rev. 1.0c, 2005-02-08
LX5261
27-Line LVD SCSI Source/Sink Regulator
PRODUCTION DATASHEET
TM
®
DESCRI PTI O N
The LX5261 is a source/sink
regulator designed to provide the
correct reference voltages and bias
currents for SCSI LVD applications.
With the proper LVD termination
network (475Ω, 121Ω, 475Ω), the
LX5261 assures that LVD performance
is compliant to the SPI-2 (Ultra2), SPI-
3 (Ultra160) and SPI-4 (Ultra320)
specification.
The LX5261 provides two fixed
regulated outputs (1.75V and 0.75V)
each capable of sourcing / sinking
200mA, along with a buffered 1.3V
output for DIFSENS signaling.
The
LX5261
features
on-chip
trimming of the internal voltage enabling
precise output voltages; typically +/- 1%
of its specified value. Thermal Shutdown
and Current Limiting is integrated on-
chip.
The LX5261 is available in the 16-
pin SOIC (DP) package.
IMPORTANT:
For the most current data, consult MICROSEMI’s website: http://www.microsemi.com
KEY FEATUR ES
Compliant with SPI-2 (Ultra2),
SPI-3 (Ultra160), and SPI-4
(Ultra320)
2.7V to 5.25V Operation
200mA Source/Sink Capability
DIFSENS Line Driver
Current Limit and Thermal
Protection
Pin Compatible With Unitrode
UCC561
TY PI CAL APPLI CATI O N
+
-
7
3
VTERM
2.7V to 5.25V
1.3V
Reference
+
-
1.75V
Reference
+
-
0.75V
Reference
1.3V +/- 0.1V
1.75V +/- 0.05V
200mA source/sink
0.75V +/- 0.05V
200mA source/sink
2
4
GND
DIFSENS
VOUT1
VOUT2
475
1%
475
1%
121
1%
L1-
L1+
27
LVD
Pairs
4.7uF
4.7uF
4.7uF
475
1%
475
1%
121
1%
L27-
L27+
6
PACKAGE ORDER INFO
DP
SOIC
16-Pin
TA (
°C)
RoHS Compliant / Pb-free
Transition DC: 0440
0 to 70
LX5261CDP
Note: Available in Tape & Reel.
Append the letters “TR” to the part number. (i.e. LX5261CDP-TR)


Similar Part No. - LX5261CDP

ManufacturerPart #DatasheetDescription
logo
MRV Communications, Inc...
LX5260 MRV-LX5260 Datasheet
799Kb / 2P
LX Series
LX526016V1C20 MRV-LX526016V1C20 Datasheet
799Kb / 2P
LX Series
LX526016V1L30 MRV-LX526016V1L30 Datasheet
799Kb / 2P
LX Series
LX526024V2L30 MRV-LX526024V2L30 Datasheet
799Kb / 2P
LX Series
LX526024VEP32 MRV-LX526024VEP32 Datasheet
799Kb / 2P
LX Series
More results

Similar Description - LX5261CDP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC560 TI-UC560 Datasheet
113Kb / 5P
27-Line SCSI Source/Sink Regulator
UCC561 TI-UCC561 Datasheet
192Kb / 8P
Low Voltage Differential SCSI LVD 27 Line Regulator Set
logo
Microsemi Corporation
LX5245 MICROSEMI-LX5245 Datasheet
177Kb / 7P
9 - LINE LVD SCSI TERMINATO
LX5248 MICROSEMI-LX5248 Datasheet
170Kb / 6P
9 - LINE LVD SCSI TERMINATOR
logo
Texas Instruments
UCC5696 TI-UCC5696 Datasheet
176Kb / 12P
27 LINE LVD ONLY SCSI TERMINATOR FOR SPI-5
logo
Global Mixed-mode Techn...
G261 GMT-G261 Datasheet
227Kb / 5P
Low Voltage Differential (LVD) SCSI 27 Line Regulator Set
logo
Microsemi Corporation
LX5255 MICROSEMI-LX5255 Datasheet
279Kb / 7P
9-Line LVD SCSI Terminator
logo
Dallas Semiconductor
DS2129 DALLAS-DS2129 Datasheet
158Kb / 5P
LVD SCSI 27-Line Regulator
logo
Texas Instruments
UC560 TI1-UC560_09 Datasheet
107Kb / 6P
27LINE SCSI SOURCE/SINK REGULATOR
logo
Maxim Integrated Produc...
DS2129 MAXIM-DS2129 Datasheet
195Kb / 5P
LVD SCSI 27-Line Regulator
Rev 1; 2/06
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com