Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EPR-91 Datasheet(PDF) 17 Page - Power Integrations, Inc.

Part # EPR-91
Description  Engineering Prototype Report for EP-91 - 12 W Power Supply using
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

EPR-91 Datasheet(HTML) 17 Page - Power Integrations, Inc.

Back Button EPR-91 Datasheet HTML 13Page - Power Integrations, Inc. EPR-91 Datasheet HTML 14Page - Power Integrations, Inc. EPR-91 Datasheet HTML 15Page - Power Integrations, Inc. EPR-91 Datasheet HTML 16Page - Power Integrations, Inc. EPR-91 Datasheet HTML 17Page - Power Integrations, Inc. EPR-91 Datasheet HTML 18Page - Power Integrations, Inc. EPR-91 Datasheet HTML 19Page - Power Integrations, Inc. EPR-91 Datasheet HTML 20Page - Power Integrations, Inc. EPR-91 Datasheet HTML 21Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 36 page
background image
7-Feb-2006
EP-91 12 V, 1 A, Universal Input Supply
Page 17 of 36
Power Integrations
Tel: +1 408 414 9200 Fax: +1 408 414 9201
www.powerint.com
BW
10.2 mm
Bobbin Physical Winding Width
M
1.00
1 mm
Safety Margin Width (Half the Primary to Secondary
Creepage Distance)
L
2.00
2
Number of Primary Layers
NS
7
7
Number of Secondary Turns
DC INPUT VOLTAGE PARAMETERS
VMIN
79 Volts
Minimum DC Input Voltage
VMAX
375 Volts
Maximum DC Input Voltage
CURRENT WAVEFORM SHAPE PARAMETERS
DMAX
0.59
Duty Ratio at full load, minimum primary inductance
and minimum input voltage
IAVG
0.24 Amps
Average Primary Current
IP
0.5120 Amps
Minimum Peak Primary Current
IR
0.3075 Amps
Primary Ripple Current
IRMS
0.33 Amps
Primary RMS Current
TRANSFORMER PRIMARY DESIGN PARAMETERS
LP
1050 uHenries
Typical Primary Inductance. +/- 10% to ensure a
minimum primary inductance of 954 uH
LP_TOLERANCE
10.00
10 %
Primary inductance tolerance
NP
56
Primary Winding Number of Turns
ALG
339 nH/T^2
Gapped Core Effective Inductance
BM
2745 Gauss
Maximum Operating Flux Density, BM<3000 is
recommended
BAC
824 Gauss
AC Flux Density for Core Loss Curves (0.5 X Peak
to Peak)
ur
2053
Relative Permeability of Ungapped Core
LG
0.11 mm
Gap Length (Lg > 0.1 mm)
BWE
16.4 mm
Effective Bobbin Width
OD
0.295 mm
Maximum Primary Wire Diameter including
insulation
INS
0.05 mm
Estimated Total Insulation Thickness (= 2 * film
thickness)
DIA
0.243 mm
Bare conductor diameter
AWG
31 AWG
Primary Wire Gauge (Rounded to next smaller
standard AWG value)
CM
81 Cmils
Bare conductor effective area in circular mils
CMA
247 Cmils/Amp Primary Winding Current Capacity (200 < CMA <
500)
TRANSFORMER SECONDARY DESIGN PARAMETERS
Lumped parameters
ISP
4.07 Amps
Peak Secondary Current
ISRMS
2.15 Amps
Secondary RMS Current
IRIPPLE
1.90 Amps
Output Capacitor RMS Ripple Current
CMS
430 Cmils
Secondary Bare Conductor minimum circular mils
AWGS
23 AWG
Secondary Wire Gauge (Rounded up to next larger
standard AWG value)
VOLTAGE STRESS PARAMETERS
VDRAIN
607 Volts
Maximum Drain Voltage Estimate (Assumes 20%
zener clamp tolerance and an additional 10%
temperature tolerance)
PIVS
59 Volts
Output Rectifier Maximum Peak Inverse Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com