Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EPR-91 Datasheet(PDF) 21 Page - Power Integrations, Inc.

Part # EPR-91
Description  Engineering Prototype Report for EP-91 - 12 W Power Supply using
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

EPR-91 Datasheet(HTML) 21 Page - Power Integrations, Inc.

Back Button EPR-91 Datasheet HTML 17Page - Power Integrations, Inc. EPR-91 Datasheet HTML 18Page - Power Integrations, Inc. EPR-91 Datasheet HTML 19Page - Power Integrations, Inc. EPR-91 Datasheet HTML 20Page - Power Integrations, Inc. EPR-91 Datasheet HTML 21Page - Power Integrations, Inc. EPR-91 Datasheet HTML 22Page - Power Integrations, Inc. EPR-91 Datasheet HTML 23Page - Power Integrations, Inc. EPR-91 Datasheet HTML 24Page - Power Integrations, Inc. EPR-91 Datasheet HTML 25Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
7-Feb-2006
EP-91 12 V, 1 A, Universal Input Supply
Page 21 of 36
Power Integrations
Tel: +1 408 414 9200 Fax: +1 408 414 9201
www.powerint.com
9.5 Available Standby Output Power
The chart below shows the available output power versus line voltage at input power
consumption levels of 1, 2 and 3 watts (respectively). Again, this performance illustrates
the value of ON/OFF control, as it automatically maintains a high efficiency, even during
very light loading. This simplifies complying with standby requirements that specify that a
fair amount of power be available to the load at low input power consumption levels. The
TinySwitch-III ON/OFF control scheme maximizes the amount of output power available
to the load in standby operation when the allowable input power is fixed at a low value.
This simplifies the design of products such as printers, set-top boxes, DVD players, etc.
that must meet stringent standby power consumption requirements.
Figure 9 – Available Output Power for 1, 2 and 3 Watts of Input Power.
0
0.5
1
1.5
2
2.5
3
85
105
125
145
165
185
205
225
245
265
285
Input Voltage (VAC)
Pin=1 W
Pin=2 W
Pin=3 W
2.2 W for 3 W input at 230 VAC
1.4 W for 2 W input at 230 VAC
0.65 W for 1 W input at 230 VAC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com