Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM6315 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STM6315
Description  Open drain microprocessor reset
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM6315 Datasheet(HTML) 1 Page - STMicroelectronics

  STM6315_07 Datasheet HTML 1Page - STMicroelectronics STM6315_07 Datasheet HTML 2Page - STMicroelectronics STM6315_07 Datasheet HTML 3Page - STMicroelectronics STM6315_07 Datasheet HTML 4Page - STMicroelectronics STM6315_07 Datasheet HTML 5Page - STMicroelectronics STM6315_07 Datasheet HTML 6Page - STMicroelectronics STM6315_07 Datasheet HTML 7Page - STMicroelectronics STM6315_07 Datasheet HTML 8Page - STMicroelectronics STM6315_07 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
March 2007
Rev 5
1/21
1
STM6315
Open drain microprocessor reset
Features
■ Low supply current of 1.5µA (typ)
■ ±1.8% reset threshold accuracy (25°C)
■ Guaranteed RST assertion down to
VCC = 1.0V
■ Open drain RST output can exceed VCC
■ Power supply transient immunity
■ Operating temperature: –40 to +125°C
■ Available in SOT143-4 package.
SOT143-4 (W1)
www.st.com


Similar Part No. - STM6315_07

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM6315LAW13F STMICROELECTRONICS-STM6315LAW13F Datasheet
172Kb / 21P
Open Drain Microprocessor Reset
27-Jul-2006
STM6315LBW13F STMICROELECTRONICS-STM6315LBW13F Datasheet
172Kb / 21P
Open Drain Microprocessor Reset
27-Jul-2006
STM6315LDW13F STMICROELECTRONICS-STM6315LDW13F Datasheet
172Kb / 21P
Open Drain Microprocessor Reset
27-Jul-2006
STM6315LGW13F STMICROELECTRONICS-STM6315LGW13F Datasheet
172Kb / 21P
Open Drain Microprocessor Reset
27-Jul-2006
STM6315RAW13F STMICROELECTRONICS-STM6315RAW13F Datasheet
172Kb / 21P
Open Drain Microprocessor Reset
27-Jul-2006
More results

Similar Description - STM6315_07

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC6315 MICREL-MIC6315 Datasheet
66Kb / 6P
Open-Drain UP Reset Circuit
logo
STMicroelectronics
STM6315 STMICROELECTRONICS-STM6315 Datasheet
172Kb / 21P
Open Drain Microprocessor Reset
27-Jul-2006
logo
Micrel Semiconductor
MIC6315 MICREL-MIC6315_05 Datasheet
255Kb / 6P
Open-Drain 關P Reset Circuit
MIC803 MICREL-MIC803 Datasheet
258Kb / 10P
3-Pin Microprocessor Supervisor Circuit with Open-Drain Reset Output
MIC6315 MICREL-MIC6315_08 Datasheet
349Kb / 6P
Open-Drain 關P Reset Circuit
logo
Maxim Integrated Produc...
MAX6315US30D3 MAXIM-MAX6315US30D3 Datasheet
536Kb / 7P
Open-Drain SOT muP Reset Circuit
Rev 3; 12/05
logo
ON Semiconductor
ASM1233D ONSEMI-ASM1233D Datasheet
142Kb / 10P
Reset Active LOW Open-Drain Output
August, 2011 ??Rev. 3
logo
Micrel Semiconductor
MIC803 MICREL-MIC803_15 Datasheet
612Kb / 12P
3-Pin Microprocessor Supervisor Circuit with Open-Drain Reset Output
MIC6315 MICREL-MIC6315_14 Datasheet
523Kb / 8P
Open-Drain 關P Reset Circuit
logo
Microchip Technology
MIC6315 MICROCHIP-MIC6315 Datasheet
847Kb / 15P
Open-Drain Microprocessor Reset Circuit
09/14/21
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com