Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM6315 Datasheet(PDF) 19 Page - STMicroelectronics

Part # STM6315
Description  Open drain microprocessor reset
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM6315 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button STM6315_07 Datasheet HTML 13Page - STMicroelectronics STM6315_07 Datasheet HTML 14Page - STMicroelectronics STM6315_07 Datasheet HTML 15Page - STMicroelectronics STM6315_07 Datasheet HTML 16Page - STMicroelectronics STM6315_07 Datasheet HTML 17Page - STMicroelectronics STM6315_07 Datasheet HTML 18Page - STMicroelectronics STM6315_07 Datasheet HTML 19Page - STMicroelectronics STM6315_07 Datasheet HTML 20Page - STMicroelectronics STM6315_07 Datasheet HTML 21Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 19 / 21 page
background image
STM6315
Part numbering
19/21
Table 7.
Marking description
Part Number
Reset Threshold (1)
(V)
1.
Other VRST thresholds and trec timings are offered. Minimum order quantities may apply. Contact local
sales office for availability.
RST Pulse Width (1)
(ms)
Output
Topside
Marking (2)
2.
Where "x" = Assembly Work Week (A to Z), such that "A" = WW01-02, "B" = WW03-04, and so forth.
STM6315LB
4.63
30
Open drain RST
9LBx
STM6315MD
4.38
210
Open drain RST
9MDx
STM6315SD
2.93
210
Open drain RST
9SDx
STM6315RA
2.63
1.5
Open drain RST
9RAx
STM6315RB
2.63
30
Open drain RST
9RBx
STM6315RD
2.63
210
Open drain RST
9RDx
STM6315RG
2.63
1680
Open drain RST
9RGx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com