Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79M535 Datasheet(PDF) 8 Page - Advanced Micro Devices

Part # AM79M535
Description  Metering Subscriber Line Interface Circuit
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79M535 Datasheet(HTML) 8 Page - Advanced Micro Devices

Back Button AM79M535 Datasheet HTML 4Page - Advanced Micro Devices AM79M535 Datasheet HTML 5Page - Advanced Micro Devices AM79M535 Datasheet HTML 6Page - Advanced Micro Devices AM79M535 Datasheet HTML 7Page - Advanced Micro Devices AM79M535 Datasheet HTML 8Page - Advanced Micro Devices AM79M535 Datasheet HTML 9Page - Advanced Micro Devices AM79M535 Datasheet HTML 10Page - Advanced Micro Devices AM79M535 Datasheet HTML 11Page - Advanced Micro Devices AM79M535 Datasheet HTML 12Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
8
Am79M535 Data Sheet
Power Dissipation Battery = –48 V, Normal Polarity
On-hook Open Circuit state
–1*
35
35
120
80
mW
On-hook OHT state
–1*
135
135
250
200
On-hook Active state
–1*
200
200
400
300
Off-hook OHT state
RL = 600 Ω
500
750
Off-hook Active state
RL = 600 Ω
650
1000
Supply Currents
VCC on-hook supply current
Open Circuit state
OHT state
Active state
3.0
6.0
7.5
4.5
10.0
12.0
mA
VEE on-hook supply current
Open Circuit state
OHT state
Active state
1.0
2.2
2.7
2.3
3.5
6.0
VBAT on-hook supply current
Open Circuit state
OHT state
Active state
0.4
3.0
4.0
1.0
5.0
6.0
Power Supply Rejection Ratio (VRIPPLE = 50 mVrms)
VCC
50 Hz to 3400 Hz
–1*
25
30
45
45
dB
6, 7
3.4 kHz to 50 kHz
–1*
22
25
35
35
VEE
50 Hz to 3400 Hz
–1*
20
25
40
40
3.4 kHz to 50 kHz
–1*
10
10
25
25
VBAT
50 Hz to 3400 Hz
–1
27
30
45
45
3.4 kHz to 50 kHz
–1*
20
25
40
40
Off-Hook Detector
Current threshold accuracy
IDET = 365/RD Nominal
–20
+20
%
Ground-Key Detector Thresholds, Active state, Battery = –48 V (See Test Circuit F)
Ground-key resistance threshold
B(RING) to GND
2.0
5.0
10.0
k
Ω
Ground-key current threshold
B(RING) to GND
9
mA
8
Midpoint to GND
9
Ring-Trip Detector Input
Bias current
–5
–0.05
µA
Offset voltage
Source resistance 0 to 2 M
Ω
–50
0
+50
mV
12
Logic Inputs (C4–C1, E0, E1, and CHCLK)
Input High voltage
2.0
V
Input Low voltage
0.80
Input High current
All inputs except E1
–75
40
µA
Input High current
Input E1
–75
45
Input Low current
–0.40
mA
ELECTRICAL CHARACTERISTICS (continued)
Description
Test Conditions (See Note 1)
Min
Typ
Max
Unit
Note



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com