Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79M535 Datasheet(PDF) 13 Page - Advanced Micro Devices

Part # AM79M535
Description  Metering Subscriber Line Interface Circuit
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79M535 Datasheet(HTML) 13 Page - Advanced Micro Devices

Back Button AM79M535 Datasheet HTML 9Page - Advanced Micro Devices AM79M535 Datasheet HTML 10Page - Advanced Micro Devices AM79M535 Datasheet HTML 11Page - Advanced Micro Devices AM79M535 Datasheet HTML 12Page - Advanced Micro Devices AM79M535 Datasheet HTML 13Page - Advanced Micro Devices AM79M535 Datasheet HTML 14Page - Advanced Micro Devices AM79M535 Datasheet HTML 15Page - Advanced Micro Devices AM79M535 Datasheet HTML 16Page - Advanced Micro Devices AM79M535 Datasheet HTML 17Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
SLIC Products
13
DC FEED CHARACTERISTICS
a. VA–VB (VAB) Voltage vs. Loop Current (Typical)
RDC = 62.5 kΩ
Active state
OHT state
1
2
2
3
4
5
5
4
1
VBAT = 60 V
VBAT = 47.3 V
VBAT = 43 V
Notes:
1.
Constant-current region:
Active state,
OHT state,
2. Anti-sat turn-on;
VAB = 29.95 V,
|VBAT| ≥ 43.1 V (Anti-sat –1)
3. Open Circuit voltage;
VAB = 40 V,
|VBAT| > 53 V (Anti-sat –1)
4. Anti-sat –1 region
5. Anti-sat –2 region
VAB = 1.02 |VBAT| – 14,
|VBAT| < 43.1 V (Anti-sat –2)
VAB = 0.55 |VBAT| + 11.4,
|VBAT| ≤ 53 V (Anti-sat –2)
I
L
2500
R
DC
------------
=
I
L
1
2
---
2500
R
DC
------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com