Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HPI13 Datasheet(PDF) 1 Page - EPCOS

Part # HPI13
Description  Helically wound power inductors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

HPI13 Datasheet(HTML) 1 Page - EPCOS

  HPI13 Datasheet HTML 1Page - EPCOS HPI13 Datasheet HTML 2Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
09/04
Inductors
B82559*A013
Helically wound power inductors
HPI 13
Rated inductance 0.5 to 3.9 µH
Rated current 10 to 25 A
Construction
■ Ferrite core
■ Magnetically shielded
■ Winding: enamel copper flat wire
■ Self-leaded construction under body termination
Features
■ Very high rated current
■ Extremely low DC resistance
■ Very low profile and smallest possible footprint
■ Suitable for pick and place processes
Applications
■ Energy storage chokes for
– DC/DC converters
– VRM modules
– POL converters
Terminals
■ Pure tin (Pb-free)
Marking
EPCOS. ordering code, inductance,
date of manufacture (coded)
Delivery mode and packing unit
Blister tape 24 mm, reel 330 mm dia.
4.95 mm height = 750 pcs./reel
5.95 mm height = 550 pcs./reel
Dimensional drawing
Recommended PCB layout
FIN0254-V
11 max.
h
FIN0255-D
10.4


Similar Part No. - HPI13

ManufacturerPart #DatasheetDescription
logo
EPCOS
HPI13 EPCOS-HPI13_13 Datasheet
287Kb / 4P
High-Power Inductors
More results

Similar Description - HPI13

ManufacturerPart #DatasheetDescription
logo
EPCOS
B82559-A025 EPCOS-B82559-A025 Datasheet
145Kb / 6P
SMT power inductors ERU 25, helically wound
logo
Panasonic Semiconductor
ELL-6UH390M PANASONIC-ELL-6UH390M Datasheet
96Kb / 3P
Power Inductors / Wire Wound type
ELL-ATV680M PANASONIC-ELL-ATV680M Datasheet
79Kb / 2P
Power Inductors / Wire Wound type
logo
Taiyo Yuden (U.S.A.), I...
BRC2016T101K TAIYO-YUDEN-BRC2016T101K Datasheet
138Kb / 1P
Wire-wound Chip Power Inductors
BRC2016T330M TAIYO-YUDEN-BRC2016T330M Datasheet
138Kb / 1P
Wire-wound Chip Power Inductors
BRL1608T1R0M TAIYO-YUDEN-BRL1608T1R0M Datasheet
138Kb / 1P
Wire-wound Chip Power Inductors
BRL2012T1R5M TAIYO-YUDEN-BRL2012T1R5M Datasheet
138Kb / 1P
Wire-wound Chip Power Inductors
BRL2012T150M TAIYO-YUDEN-BRL2012T150M Datasheet
138Kb / 1P
Wire-wound Chip Power Inductors
BRL2012T220M TAIYO-YUDEN-BRL2012T220M Datasheet
138Kb / 1P
Wire-wound Chip Power Inductors
BRL2012T680M TAIYO-YUDEN-BRL2012T680M Datasheet
138Kb / 1P
Wire-wound Chip Power Inductors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com