Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HPI13 Datasheet(PDF) 2 Page - EPCOS

Part # HPI13
Description  Helically wound power inductors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

HPI13 Datasheet(HTML) 2 Page - EPCOS

  HPI13 Datasheet HTML 1Page - EPCOS HPI13 Datasheet HTML 2Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
09/04
Inductors
Helically wound power inductors
B82559*A013
HPI 13
General technical data and measuring conditions
Characteristics and ordering codes
Published by EPCOS AG
Corporate Communications, P.O. Box 80 17 09, 81617 Munich, GERMANY
++49 89 636 09, FAX (0 89) 636-2 26 89
 EPCOS AG 2004. Reproduction, publication and dissemination of this brochure and the informa-
tion contained therein without EPCOS’ prior express consent is prohibited.
Purchase orders are subject to the General Conditions for the Supply of Products and Services of
the Electrical and Electronics Industry recommended by the ZVEI (German Electrical and Electronic
Manufacturers’ Association), unless otherwise agreed.
This brochure replaces the previous edition.
For questions on technology, prices and delivery please contact the Sales Offices of EPCOS AG or
the international Representatives.
Due to technical requirements components may contain dangerous substances. For information on
the type in question please also contact one of our Sales Offices.
Rated inductance LR
Measured with Wayne-Kerr 3260A/3265B,
measuring voltage 100 mV
Inductance tolerance
±10%
Saturation current Isat
Current that will result in approx. 20% drop in inductance
value.
Temperature response needs to be verified in specific
applications. Test results on request.
DC resistance
Measured at 20 °C ambient temperature
Solderability
235 °C, 5 s, wetting >90%
Operating temperature
−40 ... +130 °C
Weight
2.2 g (height = 4.95 mm), 2.6 g (height = 5.95 mm)
LR
Isat
Rmax
Height h
Ordering code
µHA
m
Ω
mm
0.50
30
1.1
4.95
B82559A0501A013
0.95
25
1.4
5.95
B82559A0951A013
1.1
20
2.2
4.95
B82559A0112A013
1.4
22
1.8
5.95
B82559A0142A013
2.2
15
4.2
4.95
B82559A0222A013
2.4
16.5
3.2
5.95
B82559A0242A013
3.0
13
5.1
4.95
B82559A0302A013
3.9
12
6.0
5.95
B82559A0392A013



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com