Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XYM Datasheet(PDF) 2 Page - RUBYCON CORPORATION

Part # XYM
Description  MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUBYCON [RUBYCON CORPORATION]
Direct Link  http://www.rubycon.com
Logo RUBYCON - RUBYCON CORPORATION

XYM Datasheet(HTML) 2 Page - RUBYCON CORPORATION

  XYM Datasheet HTML 1Page - RUBYCON CORPORATION XYM Datasheet HTML 2Page - RUBYCON CORPORATION XYM Datasheet HTML 3Page - RUBYCON CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
DIMENSIONS
(mm)
D
d
F
5
0.5
2.0
6.3
2.5
8
3.5
=1.5
0.6
STANDARD SIZE
Rated voltage 10V(1A)
100
130
220
210
330
330
511
6.3 11
811.5
Nominal capacitance
(F)
Size
D L(mm)
Rated ripple current
(mAr.m.s./105ûC, 100kHz)
Rated voltage 16V(1C)
47
130
100
210
220
330
511
6.3 11
6.3 11
811.5
Rated voltage 35V(1V)
33
130
47
210
100
330
511
6.3 11
811.5
Rated voltage 25V(1E)
33
130
47
130
100
210
511
511
MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
YXM
Nominal capacitance
(F)
Size
D L(mm)
Rated ripple current
(mAr.m.s./105ûC, 100kHz)
Nominal capacitance
(F)
Size
D L(mm)
Rated ripple current
(mAr.m.s./105ûC, 100kHz)
Nominal capacitance
(F)
Size
D L(mm)
Rated ripple current
(mAr.m.s./105ûC, 100kHz)
L
MAX
15MIN
4MIN
d
D 0.5MAX
SLEEVE



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com