Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XYM Datasheet(PDF) 3 Page - RUBYCON CORPORATION

Part # XYM
Description  MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUBYCON [RUBYCON CORPORATION]
Direct Link  http://www.rubycon.com
Logo RUBYCON - RUBYCON CORPORATION

XYM Datasheet(HTML) 3 Page - RUBYCON CORPORATION

  XYM Datasheet HTML 1Page - RUBYCON CORPORATION XYM Datasheet HTML 2Page - RUBYCON CORPORATION XYM Datasheet HTML 3Page - RUBYCON CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Rated voltage 50V(1H)
0.47
12
1
25
2.2
35
4.7
80
10
90
3.3
70
22
110
33
190
100
270
47
190
511
511
6.3 11
6.3 11
511
511
511
811.5
511
511
Nominal capacitance
(F)
Size
D L(mm)
Rated ripple current
(mA r.m.s./105ûC,100kHz)
Rated voltage 100V(2A)
20
40
50
70
150
60
230
511
511
6.3 11
511
511
811.5
511
Rated voltage 63V(1J)
80
170
170
10
240
22
33
47
6.3 11
6.3 11
811.5
511
MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
YXM
0.47
1
2.2
4.7
10
3.3
22
Nominal capacitance
(F)
Size
D L(mm)
Rated ripple current
(mA r.m.s./105ûC,100kHz)
Nominal capacitance
(F)
Size
D L(mm)
Rated ripple current
(mA r.m.s./105ûC,100kHz)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com