Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA4663 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # TDA4663
Description  Baseband delay line
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA4663 Datasheet(HTML) 2 Page - NXP Semiconductors

  TDA4663 Datasheet HTML 1Page - NXP Semiconductors TDA4663 Datasheet HTML 2Page - NXP Semiconductors TDA4663 Datasheet HTML 3Page - NXP Semiconductors TDA4663 Datasheet HTML 4Page - NXP Semiconductors TDA4663 Datasheet HTML 5Page - NXP Semiconductors TDA4663 Datasheet HTML 6Page - NXP Semiconductors TDA4663 Datasheet HTML 7Page - NXP Semiconductors TDA4663 Datasheet HTML 8Page - NXP Semiconductors TDA4663 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
1996 Nov 22
2
Philips Semiconductors
Product specification
Baseband delay line
TDA4663T
FEATURES
• Two delay lines, using the switched-capacitor
technique, for a delay time of one horizontal line (1H)
minus 55 ns (64
µs − 55 ns)
• Adjustment-free application
• Handles negative or positive colour-difference input
signals
• Clamping of AC-coupled input signals [mostly
colour-difference signals
±(R−Y) and ±(B−Y)]
• VCO without external components
• 3 MHz internal clock signal derived from a 6 MHz CCO,
line-locked by the sandcastle pulse (64
µs line)
• Sample-and-hold circuits and low-pass filters to
suppress the 3 MHz clock signal
• Output buffer amplifiers.
GENERAL DESCRIPTION
The TDA4663T is an integrated baseband delay line circuit
with a delay time of one horizontal line (1H) minus 55 ns
(64
µs − 55 ns).
QUICK REFERENCE DATA
ORDERING INFORMATION
SYMBOL
PARAMETER
MIN.
TYP.
MAX.
UNIT
VP1
analog supply voltage (pin 9)
4.75
5
5.25
V
VP2
digital supply voltage (pin 1)
4.75
5
5.25
V
IP(tot)
total supply current
−
5.9
7.0
mA
Vi(p-p)
input signal PAL/NTSC (peak-to-peak value)
±(R−Y); pin 16
−
1.3
−
V
±(B−Y); pin 14
−
1.3
−
V
Gv
gain
of colour-difference output signals for PAL and NTSC
−1
0
+1
dB
−1
0
+1
dB
TYPE
NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
TDA4663T
SO16
plastic small outline package; 16 leads; body width 3.9 mm
SOT109-1
V
o
V
i
------
V
11
V
16
---------
V
12
V
14
---------



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com