Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA4663 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # TDA4663
Description  Baseband delay line
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA4663 Datasheet(HTML) 4 Page - NXP Semiconductors

  TDA4663 Datasheet HTML 1Page - NXP Semiconductors TDA4663 Datasheet HTML 2Page - NXP Semiconductors TDA4663 Datasheet HTML 3Page - NXP Semiconductors TDA4663 Datasheet HTML 4Page - NXP Semiconductors TDA4663 Datasheet HTML 5Page - NXP Semiconductors TDA4663 Datasheet HTML 6Page - NXP Semiconductors TDA4663 Datasheet HTML 7Page - NXP Semiconductors TDA4663 Datasheet HTML 8Page - NXP Semiconductors TDA4663 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
1996 Nov 22
4
Philips Semiconductors
Product specification
Baseband delay line
TDA4663T
PINNING
SYMBOL
PIN
DESCRIPTION
VP2
1
supply voltage for digital part (+5 V)
n.c.
2
not connected
GND2
3
ground for digital part (0 V)
i.c.
4
internally connected
SAND
5
sandcastle pulse input
n.c.
6
not connected
VCL
7
clamping pulse input
i.c.
8
internally connected
VP1
9
supply voltage for analog part (+5 V)
GND1
10
ground for analog part (0 V)
Vo(R−Y)
11
±(R−Y) output signal
Vo(B−Y)
12
±(B−Y) output signal
n.c.
13
not connected
Vi(B−Y)
14
±(B−Y) input signal
n.c.
15
not connected
Vi(R−Y)
16
±(R−Y) input signal
Fig.2 Pin configuration.
handbook, halfpage
TDA4663T
MED801
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
VP2
n.c.
GND2
i.c.
SAND
n.c.
VCL
i.c.
VP1
GND1
Vo(R−Y)
Vo(B−Y)
n.c.
Vi(B−Y)
n.c.
Vi(R−Y)
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134). Ground pins 3 and 10 connected together.
Note
1. Equivalent to discharging a 200 pF capacitor through a 0
Ω series resistor.
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VP1
supply voltage (pin 9)
−0.5
+7
V
VP2
supply voltage (pin 1)
−0.5
+7
V
V5
voltage on pin 5
−0.5
VP + 1.0
V
Vn
voltage on pins 7, 11, 12, 14 and 16
−0.5
VP
V
In
current on pins 7, 11 and 12
−
20
mA
Tstg
storage temperature
−25
+150
°C
Tamb
operating ambient temperature
−20
+70
°C
Ptot
total power dissipation
−
100
mW
Ves
electrostatic handling for all pins
note 1
−±500
V
SYMBOL
PARAMETER
VALUE
UNIT
Rth j-a
thermal resistance from junction to ambient in free air
220
K/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com