Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8663ACPZ-R2 Datasheet(PDF) 1 Page - Analog Devices

Part # AD8663ACPZ-R2
Description  16V, 180關A Low Power, Low Noise, Single Precision CMOS Rail-to-Rail Output Operational Amplifiers
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8663ACPZ-R2 Datasheet(HTML) 1 Page - Analog Devices

  AD8663ACPZ-R2 Datasheet HTML 1Page - Analog Devices AD8663ACPZ-R2 Datasheet HTML 2Page - Analog Devices AD8663ACPZ-R2 Datasheet HTML 3Page - Analog Devices AD8663ACPZ-R2 Datasheet HTML 4Page - Analog Devices AD8663ACPZ-R2 Datasheet HTML 5Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
16V, 180
μA Low Power, Low Noise, Single Precision CMOS
Rail-to-Rail Output Operational Amplifiers
Preliminary Technical Data
AD8663
Rev. PrA
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2007 Analog Devices, Inc. All rights reserved.
FEATURES
Lower Power at High Voltage: 180
μA typ
Low offset voltage: 100 μV
Low input bias current: 300 fA Max
Low Voltage Noise:
21nV/
√Hz @ 10kHz
23nV/
√Hz @ 1kHz
Single-supply operation: 5V to 16V
Dual-supply operation:
±2.5V to ±8V
Output Drive 10mA
Unity Gain Stable
APPLICATIONS
Medical Equipment
Precision References
Buffer / Level Shifting
Portable Operated Systems
Sensors
Photodiode Amplification
ADC Drivers
GENERAL DESCRIPTION
The AD8663 is single rail-to-rail output single/dual supply
amplifiers that use Analog Devices’ patented DigiTrim®
trimming technique to achieve low offset voltage, 300μV over
the common mode range. The AD8663 family features an
extended operating range with supply voltage up to 16V for low
power operation with ISY of < 325μA over the extended
industrial temperature. These devices are designed for low
noise at higher voltages, 21nV/√Hz at 10kHz and 23 nV/√Hz at
1 kHz. They also feature low input bias currents of 300fA and
10mA output drive.
The combination of low supply currents, low offsets, very low
input bias currents, and wide supply range make these
amplifiers useful in a wide variety of low power applications.
Systems utilizing DC to low frequency measurements, or high
impedance sensors, such as photo-diodes benefit from the
combination of low input bias current, low noise, low offset and
drive current. The wide operating voltage range matches
today’s high performance ADCs and DACs. Medical
monitoring equipment can take advantage of the low voltage
noise, high input impedance, low voltage and current noise.
The AD8663 is specified over the extended industrial (-40ºC to
+125ºC) temperature range.
PIN CONFIGURATIONS
Figure 1. 8-Lead LFCSP_VD
(CP-16-4 Suffix)
Figure 2. 8-Lead SOIC_N
(R-8 Suffix)


Similar Part No. - AD8663ACPZ-R2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8663ACPZ-R2 AD-AD8663ACPZ-R2 Datasheet
1Mb / 16P
Low Noise, Precision, 16 V, CMOS, Rail-to-Rail Operational Amplifiers
REV. B
AD8663ACPZ-R2 AD-AD8663ACPZ-R2 Datasheet
657Kb / 15P
Low Noise, Precision, 16 V, CMOS, Rail-to-Rail Operational Amplifiers
Rev. D
AD8663ACPZ-R2 AD-AD8663ACPZ-R2 Datasheet
656Kb / 15P
Low Noise, Precision, 16 V, CMOS, Rail-to-Rail Operational Amplifiers
Rev. D
AD8663ACPZ-R21 AD-AD8663ACPZ-R21 Datasheet
825Kb / 16P
Low Noise, Precision, 16 V, CMOS, Rail-to-Rail Operational Amplifiers
10/07-Rev. 0 to Rev. A
More results

Similar Description - AD8663ACPZ-R2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8605 AD-AD8605 Datasheet
559Kb / 20P
Precision Low noise CMOS Rail-to-Rail Input/Output Operational Amplifiers
5/04-Data Sheet Changed from Rev. C to Rev. D
AD8667 AD-AD8667 Datasheet
178Kb / 4P
16V, 250 A Low Power, Low Noise Dual Precision CMOS Rail-to-Rail Output Operational Amplifiers
AD8691 AD-AD8691 Datasheet
477Kb / 12P
Low Cost, Low Noise, CMOS Rail-to-Rail Output Operational Amplifiers
3/05-Rev. A to Rev. B
AD8691 AD-AD8691_07 Datasheet
433Kb / 12P
Low Cost, Low Noise, CMOS Rail-to-Rail Output Operational Amplifiers
REV. C
AD8605 AD-AD8605_08 Datasheet
738Kb / 24P
Precision, Low Noise, CMOS, Rail-to-Rail, Input/Output Operational Amplifiers
Rev. H
AD8603 AD-AD8603_05 Datasheet
457Kb / 20P
Precision Micropower, Low Noise CMOS Rail-to-Rail Input/Output Operational Amplifiers
REV. B
AD8603 AD-AD8603 Datasheet
448Kb / 16P
Precision Micropower, Low Noise CMOS, Rail-to-Rail Input/Output Operational Amplifiers
REV. C
AD8605ARTZ AD-AD8605ARTZ Datasheet
836Kb / 24P
Precision, Low Noise, CMOS, Rail-to-Rail, Input/Output Operational Amplifiers
Rev. N
logo
New Japan Radio
NJU7076B NJRC-NJU7076B Datasheet
902Kb / 11P
Precision, Low Noise, Rail-to-Rail Output, Single CMOS Operational Amplifier
NJU7078 NJRC-NJU7078 Datasheet
1Mb / 12P
Precision, Low Noise, Rail-to-Rail Output, CMOS Operational Amplifier
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com