Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9974 Datasheet(PDF) 1 Page - Analog Devices

Part # AD9974
Description  Dual-Channel, 14-Bit, CCD Signal Processor with Precision Timing??Core
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9974 Datasheet(HTML) 1 Page - Analog Devices

  AD9974 Datasheet HTML 1Page - Analog Devices AD9974 Datasheet HTML 2Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Dual-Channel, 14-Bit, CCD Signal
Processor with Precision Timing™ Core
AD9974
Rev. Sp0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2007 Analog Devices, Inc. All rights reserved.
FEATURES
1.8 V analog and digital core supply voltage
Correlated double sampler (CDS) with
−3 dB, 0 dB, +3 dB, and +6 dB gain
6 dB to 42 dB, 10-bit variable gain amplifier (VGA)
14-bit, 65 MHz analog-to-digital converter (ADC)
Black level clamp with variable level control
Complete on-chip timing generator
Precision Timing core with 240 ps resolution @ 65 MHz
On-chip 3 V horizontal and RG drivers
100-lead, 9 mm × 9 mm, 0.8 mm pitch, CSP_BGA package
Internal LDO regulator circuitry
APPLICATIONS
Professional HDTV camcorders
Professional/high end digital cameras
Broadcast cameras
Industrial high speed cameras
GENERAL DESCRIPTION
The AD9974 is a highly integrated, dual-channel CCD signal
processor for high speed digital video camera applications. Each
channel is specified at pixel rates of up to 65 MHz. The AD9974
consists of a complete analog front end with analog-to-digital
conversion combined with a programmable timing driver. The
Precision Timing core allows adjustment of high speed clocks
with approximately 240 ps resolution at 65 MHz operation.
Each analog front end includes black level clamping, CDS, VGA,
and a 65 MSPS, 14-bit ADC. The timing driver provides the high
speed CCD clock drivers for the RG_A, RG_B, H1_A to H4_A,
and H1_B to H4_B outputs. A 3-wire serial interface is used to
program each channel of the AD9974.
Available in a space-saving, 9 mm × 9 mm, CSP_BGA package,
the AD9974 is specified over an operating temperature range of
−25°C to +85°C.
For more information on the AD9974, email Analog Devices, Inc. at
afe.ccd@analog.com.
FUNCTIONAL BLOCK DIAGRAM
AD9974
SYNC
GENERATOR
PRECISION
TIMING
CORE
INTERNAL CLOCKS
HORIZONTAL
DRIVERS
RG_B
RG_A
H1_A TO H4_A
4
H1_B TO H4_B
4
HD_A VD_A HD_B VD_B
INTERNAL
REGISTERS
SL_A
SDATA_A
SL_B
SDATA_B
SCK_A
SCK_B
CLI_A
CLI_B
CLAMP
DOUT_A
CCDINP_A
6dB TO 42dB
VGA
ADC
CDS
14
CLAMP
DOUT_B
CCDINP_B
6dB TO 42dB
VGA
ADC
CDS
14
REFT_B REFB_B
VREF_B
REFT_A REFB_A
VREF_A
–3, 0, +3, +6dB
–3, 0, +3, +6dB
1.8V OUTPUT
LDO A
1.8V OUTPUT
LDO B
CCDINM_A
CCDINM_B
Figure 1.


Similar Part No. - AD9974

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9974BBCZ AD-AD9974BBCZ Datasheet
902Kb / 52P
Dual-Channel, 14-Bit, CCD Signal Processor with Precision Timing Core
REV. A
AD9974BBCZRL AD-AD9974BBCZRL Datasheet
902Kb / 52P
Dual-Channel, 14-Bit, CCD Signal Processor with Precision Timing Core
REV. A
AD9974 AD-AD9974_15 Datasheet
902Kb / 52P
Dual-Channel, 14-Bit, CCD Signal
REV. A
More results

Similar Description - AD9974

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9942 AD-AD9942 Datasheet
653Kb / 36P
Dual-Channel, 14-Bit CCD Signal Processor with Precision Timing??Core
8/06-Rev. 0 to Rev. A
AD9973 AD-AD9973 Datasheet
68Kb / 2P
Dual-Channel, 14-Bit CCD Signal Processor with Precision Timing??Core
Rev. SpA
AD9978 AD-AD9978 Datasheet
71Kb / 2P
Dual-Channel, 14-Bit CCD Signal Processor with Precision Timing Core
AD9978 AD-AD9978_08 Datasheet
69Kb / 2P
Dual-Channel, 14-Bit CCD Signal Processor with Precision Timing Core
Rev. SpB
AD9978BCPZ AD-AD9978BCPZ Datasheet
69Kb / 2P
Dual-Channel, 14-Bit CCD Signal Processor with Precision Timing Core
Rev. SpB
AD9974BBCZ AD-AD9974BBCZ Datasheet
902Kb / 52P
Dual-Channel, 14-Bit, CCD Signal Processor with Precision Timing Core
REV. A
AD9979BCPZRL AD-AD9979BCPZRL Datasheet
589Kb / 56P
14-Bit, CCD Signal Processor with Precision Timing Core
REV. C
AD9972BBCZ AD-AD9972BBCZ Datasheet
71Kb / 2P
Dual-Channel, 14-Bit, CCD Signal Processor with Precision Timing Core
Rev. SpA
AD9942 AD-AD9942_15 Datasheet
654Kb / 36P
Dual-Channel, 14-Bit CCD Signal Processor with Precision Timing Core
REV. A
AD9979 AD-AD9979_15 Datasheet
589Kb / 56P
14-Bit, CCD Signal Processor with Precision Timing Core
REV. C
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com