Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9173 Datasheet(PDF) 40 Page - Analog Devices

Part # AD9173
Description  Dual, 16-Bit, 12.6 GSPS RF DAC with Channelizers
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9173 Datasheet(HTML) 40 Page - Analog Devices

Back Button AD9173 Datasheet HTML 36Page - Analog Devices AD9173 Datasheet HTML 37Page - Analog Devices AD9173 Datasheet HTML 38Page - Analog Devices AD9173 Datasheet HTML 39Page - Analog Devices AD9173 Datasheet HTML 40Page - Analog Devices AD9173 Datasheet HTML 41Page - Analog Devices AD9173 Datasheet HTML 42Page - Analog Devices AD9173 Datasheet HTML 43Page - Analog Devices AD9173 Datasheet HTML 44Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 144 page
background image
Data Sheet
AD9173
JESD204B SERIAL DATA INTERFACE
analog.com
Rev. C | 40 of 144
Register 0xF3 to ramp the datapath data before and after the
synchronization.
3. If Subclass 1, configure the SYSREF± settings as follows:
a. Set Register 0x039 (SYSREF± jitter window). See Table 24
for settings.
b. Set Register 0x036 = SYSREF_COUNT; leave as 0 to
bypass.
4. Perform a one-shot sync.
a. Set Register 0x03A = 0x00. Clear one-shot mode if already
enabled.
b. Set Register 0x03A = 0x02. Enable one-shot sync mode.
5. If Subclass 1, send a SYSREF± edge. If pulse counting, multi-
ple SYSREF± edges are required. Sending SYSREF± edges
triggers the synchronization.
6. Read back the SYNC_ROTATION_DONE bit (Register 0x03A,
Bit 4) to confirm the rotation occurred.
Resynchronizing LMFC Signals
If desired, the sync procedure can be repeated to realign the
LMFC clock to the reference signal by repeating Step 2 to Step 6,
described in the Sync Procedure section. When the one‑shot sync
is triggered (writing Register 0x03A = 0x02), the SYNCOUTx±
signals deassert to drop the JESD204B links and reassert the links
after the rotation completes.
Deterministic Latency
JESD204B systems contain various clock domains distributed
throughout. Data traversing from one clock domain to a different
clock domain can lead to ambiguous delays in the JESD204B link.
These ambiguities lead to nonrepeatable latencies across the link
from power cycle to power cycle with each new link establishment.
Section 6 of the JESD204B specification addresses the issue of
deterministic latency with mechanisms defined as Subclass 1 and
Subclass 2.
The AD9173 supports JESD204B Subclass 0 and Subclass 1 oper-
ation, but not Subclass 2. Write the subclass to Register 0x458,
Bits[7:5].
Subclass 0
This mode gives deterministic latency to within several PCLK cy-
cles. It does not require any signal on the SYSREF± pins, which
can be left disconnected.
Subclass 0 requires that all lanes arrive within the same LMFC
cycle and the dual DACs must be synchronized to each other.
Subclass 1
This mode gives deterministic latency and allows the link to be
synchronized to within a few DAC clock cycles. Across the full
operating range, for both supply and temperature, it is within ±2.5
DAC clock periods for a 6 GHz DAC clock rate or ±4 DAC clock
periods for a 12.6 GHz DAC clock rate. If both supply and tempera-
ture stability are maintained, the link can be synchronized to within
±1.5 DAC clock periods for a 6 GHz DAC clock rate or ±2.5 DAC
clock periods for a 12.6 GHz DAC clock rate. Achieving this latency
requires an external, low jitter SYSREF± signal that is accurately
phase aligned to the DAC clock.
Deterministic Latency Requirements
Several key factors are required for achieving deterministic latency
in a JESD204B Subclass 1 system, as follows:
►
The SYSREF± signal distribution skew within the system must
be less than the desired uncertainty.
►
The total latency variation across all lanes, links, and devices
must be ≤12 PCLK periods, which includes both variable delays
and the variation in fixed delays from lane to lane, link to link,
and device to device in the system.
Figure 59. JESD204B Link Delay = Fixed Delay + Variable Delay



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com