Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9173 Datasheet(PDF) 17 Page - Analog Devices

Part # AD9173
Description  Dual, 16-Bit, 12.6 GSPS RF DAC with Channelizers
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9173 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD9173 Datasheet HTML 13Page - Analog Devices AD9173 Datasheet HTML 14Page - Analog Devices AD9173 Datasheet HTML 15Page - Analog Devices AD9173 Datasheet HTML 16Page - Analog Devices AD9173 Datasheet HTML 17Page - Analog Devices AD9173 Datasheet HTML 18Page - Analog Devices AD9173 Datasheet HTML 19Page - Analog Devices AD9173 Datasheet HTML 20Page - Analog Devices AD9173 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 144 page
background image
Data Sheet
AD9173
TYPICAL PERFORMANCE CHARACTERISTICS
analog.com
Rev. C | 17 of 144
Figure 3. Second Harmonic (dBc) vs. fOUT over Digital Scale (Mode 0), 6 GHz
DAC Sample Rate, Channel Interpolation 2×, Main Interpolation 8×
Figure 4. Third Harmonic (dBc) vs. fOUT over Digital Scale (Mode 0), 6 GHz
DAC Sample Rate, Channel Interpolation 2×, Main Interpolation 8×
Figure 5. Worst Spur (dBc) vs. fOUT over Digital Scale (Mode 0), 6 GHz DAC
Sample Rate, Channel Interpolation 2×, Main Interpolation 8×
Figure 6. Second Harmonic (dBc) vs. fOUT over Digital Scale (Mode 1),12 GHz
DAC Sample Rate, Channel Interpolation 4×, Main Interpolation 8×
Figure 7. Third Harmonic (dBc) vs. fOUT over Digital Scale (Mode 1),12 GHz
DAC Sample Rate, Channel Interpolation 4×, Main Interpolation 8×
Figure 8. Worst Spur (dBc) vs. fOUT over fDAC (All Modes), 0 dB Digital Scale



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com