Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIN1100BCPZ-R7 Datasheet(PDF) 14 Page - Analog Devices

Part # ADIN1100BCPZ-R7
Description  Robust, Industrial, Low Power 10BASE-T1L PHY
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIN1100BCPZ-R7 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADIN1100BCPZ-R7 Datasheet HTML 10Page - Analog Devices ADIN1100BCPZ-R7 Datasheet HTML 11Page - Analog Devices ADIN1100BCPZ-R7 Datasheet HTML 12Page - Analog Devices ADIN1100BCPZ-R7 Datasheet HTML 13Page - Analog Devices ADIN1100BCPZ-R7 Datasheet HTML 14Page - Analog Devices ADIN1100BCPZ-R7 Datasheet HTML 15Page - Analog Devices ADIN1100BCPZ-R7 Datasheet HTML 16Page - Analog Devices ADIN1100BCPZ-R7 Datasheet HTML 17Page - Analog Devices ADIN1100BCPZ-R7 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 80 page
background image
Data Sheet
ADIN1100
THEORY OF OPERATION
analog.com
Rev. B | 14 of 80
RMII Interface Mode
RMII mode requires an external 50 MHz clock, which can be
sourced externally from a MAC chip or a reference clock and
applied to the ADIN1100 XTAL_I/CLK_IN pin. The 50 MHz clock is
used for both the transmit and receive interfaces.
The receive data, RXD_1 to RXD_0, transitions synchronously to
the reference clock (REF_CLK). The carrier sense and received
data valid signal (CRS_DV) is a combination of the carrier sense
and RX_DV signals, and is asserted while the receive medium is
not idle. CRS_DV is asserted asynchronously to REF_CLK and
deasserted synchronously.
RX_ER is also synchronous to the reference clock signal
(REF_CLK) and asserted when an error is detected in the received
frame or when a false carrier is detected. RX_ER assertion on a
false carrier can be disabled by software.
Do not configure the MAC interface to RMII in software without
ensuring the required 50 MHz clock is available. See MAC Interface
Configuration Register for more details on RMII interface parame-
ters.
Figure 11. RMII MAC PHY Interface Signals
RGMII Interface Mode
For the RGMII receive interface, the ADIN1100 generates a 2.5
MHz RXC signal to synchronize RXD_3 to RXD_0. RX_CTL is
a combination of the RX_DV and RX_ER signals (as described
in Table 8) using both edges of the RXC signal. The ADIN1100
transmits the RX_DV signal on the positive edge of RXC and a
combination (XOR function) of RX_DV and RX_ER on the negative
edge of RXC.
For the RGMII transmit interface, the ADIN1100 generates a 2.5
MHz reference clock on TX_CLK. The MAC transmits the TXD_3
to TXD_0 data on both edges of TXC. TX_CTL is a combination of
the TX_EN and TX_ER signals using both edges of TXC. TX_EN is
transmitted on the positive edge of TXC, and a combination (XOR
function) of TX_EN and TX_ER is transmitted on the negative edge
of TXC.
Figure 12. RGMII MAC PHY Interface Signals
TRANSMIT AMPLITUDE CONFIGURATION
The ADIN1100 supports two transmit amplitude modes of opera-
tion, as follows:
►
1.0 V p-p and 2.4 V p-p mode (high level)
►
1.0 V p-p only mode
The high level transmit operating mode allows the ADIN1100 to
support both voltage levels. The operating level can then be auto-
matically configured during autonegotiation (if enabled) based on
the link partner capabilities.
The mode of operation is configured through the TX2P4_EN hard-
ware configuration pin signal (see the Transmit Amplitude section).
The ADIN1100 also configures the default value for the transmit
level register bits used for the autonegotiation process based on the
level configured with the RX_D0/ TX2P4_EN pin (see the Transmit
Amplitude Advertisement section).
The ADIN1100 is configured in high level transmit operating mode
by default if the RX_D0/TX2P4_EN pin is left floating (internal
pull-down resistor).
MASTER/SLAVE CONFIGURATION
The 10BASE-T1L standard uses a master/slave clock scheme.
This scheme is commonly used in full duplex transceiver standards
with echo cancellation. One PHY is designated as the master, and
the other PHY as the slave. Autonegotiation is used to determine
which PHY is the master and which is the slave. Master and slave
assignment does not generally matter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com