Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIN1100BCPZ-R7 Datasheet(PDF) 15 Page - Analog Devices

Part # ADIN1100BCPZ-R7
Description  Robust, Industrial, Low Power 10BASE-T1L PHY
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIN1100BCPZ-R7 Datasheet(HTML) 15 Page - Analog Devices

Back Button ADIN1100BCPZ-R7 Datasheet HTML 11Page - Analog Devices ADIN1100BCPZ-R7 Datasheet HTML 12Page - Analog Devices ADIN1100BCPZ-R7 Datasheet HTML 13Page - Analog Devices ADIN1100BCPZ-R7 Datasheet HTML 14Page - Analog Devices ADIN1100BCPZ-R7 Datasheet HTML 15Page - Analog Devices ADIN1100BCPZ-R7 Datasheet HTML 16Page - Analog Devices ADIN1100BCPZ-R7 Datasheet HTML 17Page - Analog Devices ADIN1100BCPZ-R7 Datasheet HTML 18Page - Analog Devices ADIN1100BCPZ-R7 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 80 page
background image
Data Sheet
ADIN1100
THEORY OF OPERATION
analog.com
Rev. B | 15 of 80
Hardware Configuration
The ADIN1100 can be configured to prefer slave or prefer master
through the RXD_1/MS_SEL hardware configuration pin. The rec-
ommendation is to select prefer slave or prefer master (see the
Master/Slave Preference section). If autonegotiation is disabled,
the MS_SEL hardware configuration pin signal sets the default
master/slave selection. The ADIN1100 is configured in prefer slave
by default if the pin is left floating (internal pull-down resistor).
Software Configuration
The master and slave configuration bit (CFG_MST) is automatically
updated after power-up, hardware reset, or software reset based on
the MS_SEL hardware configuration pin signal level. This bit is only
used when autonegotiation is disabled. Otherwise, this bit is set or
reset during the autonegotiation process (see the Autonegotiation
section).
AUTONEGOTIATION
The ADIN1100 uses the autonegotiation capability in accordance
with IEEE 802.3 Clause 98, providing a mechanism for exchanging
information between the local device and link partners to agree to
a common mode of operation. Single twisted pair autonegotiation
is performed using differential Manchester encoding (DME) pages
exchanged between the local device and its link partner. At a high
level, the autonegotiation provides the following functions:
►
Transmit
►
Receive
►
Half duplex
►
Arbitration
During the autonegotiation process, the local device advertises its
own capabilities and compares them to those received from the
link partner. The arbitration mechanism defines the operating mode
selected so that the transmit amplitude mode and master/slave
selection are configured for the linked devices.
If the link is dropped, the autonegotiation process restarts automat-
ically. An autonegotiation restart can also be requested by writing
to the autonegotiation restart bit (AN_RESTART) in the autonego-
tiation control register (AN_CONTROL).
The autonegotiation process can take time to complete, depending
on the number of pages exchanged, but is always the fastest way
to bring up a link. Clause 98 of the IEEE 802.3 standard details the
sequence timers and DME pages timing related to autonegotiation.
Autonegotiation is enabled by default for the ADIN1100, and it is
strongly recommended to always keep it enabled.
Transmit Amplitude Advertisement
High Voltage Transmit Ability Advertisement
The B10L_TX_LVL_HI_ABLE bit configures the default values for
the autonegotiation advertisement parameters. This bit is read only
and configured based on the TX2P4_EN hardware configuration pin
signal as described in the Transmit Amplitude section. The transmit
amplitude advertisement parameters are defined with the following
bits:
►
AN_ADV_B10L_TX_LVL_HI_ABL: advertisement of the
10BASE-T1L high level transmit operating mode ability bit
►
AN_ADV_B10L_TX_LVL_HI_REQ: advertisement of the
10BASE-T1L high level transmit operating mode request bit
►
B10L_TX_LVL_HI: 10BASE-T1L transmit voltage amplitude con-
trol bit
Table 9. AN_ADV_B10L_TX_LVL_HI_ABL Settings
Bit Setting
Description
0
Support 1.0 V p-p transmit level only
1
Support both 1.0 V p-p and 2.4 V p-p transmit level
Table 10. AN_ADV_B10L_TX_LVL_HI_REQ Settings
Bit Setting
Description
0
Request 1.0 V p-p transmit level
1
Request 2.4 V p-p transmit level
High Voltage Transmit Level Request
Advertisement
The ADIN1100 can be configured to advertise a request
for the 2.4 V p-p transmit level using the 10BASE-T1L
high level transmit operating mode ability advertisement bit
(AN_ADV_B10L_TX_LVL_HI_ABL). Note that the 2.4 V p-p trans-
mit level must be enabled using the TX2P4_EN hardware configu-
ration pin signal to enable the high voltage request advertisement.
Link Partner Transmit Level Advertisement
The high level transmit information advertised from the link partner
can be read using the following bits:
►
AN_LP_ADV_B10L_TX_LVL_HI_ABL: Link Partner 10BASE-T1L
high level transmit operating mode ability
►
AN_LP_ADV_B10L_TX_LVL_HI_REQ: Link Partner 10BASE-
T1L high level transmit operating mode request
These bits are updated during the autonegotiation process and
are valid when the autonegotiation complete register bit (AN_COM-
PLETE) is set.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com