Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPM2C Datasheet(PDF) 13 Page - Omron Electronics LLC

Part # CPM2C
Description  Compact PLC Series
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

CPM2C Datasheet(HTML) 13 Page - Omron Electronics LLC

Back Button CPM2C Datasheet HTML 9Page - Omron Electronics LLC CPM2C Datasheet HTML 10Page - Omron Electronics LLC CPM2C Datasheet HTML 11Page - Omron Electronics LLC CPM2C Datasheet HTML 12Page - Omron Electronics LLC CPM2C Datasheet HTML 13Page - Omron Electronics LLC CPM2C Datasheet HTML 14Page - Omron Electronics LLC CPM2C Datasheet HTML 15Page - Omron Electronics LLC CPM2C Datasheet HTML 16Page - Omron Electronics LLC CPM2C Datasheet HTML 17Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
61
Terminal Blocks, Connection and Adapter Cables
Adapter cable for communications
Adapter cable
Description
Cable length
Model code
p
Connection between miniature periphe
ralportand RS−232C port, D−sub, 9−pin
0.1 m
CS1W–CN118
ral port and RS−232C port, D−sub, 9−pin
Y adapter cable
Connection between miniature periphe
ralportand RS−232C port D−sub 9−pin
0.2 m
CPM2C–CN111
ral port and RS−232C port, D−sub, 9−pin
and
peripheral port with large connector
pp
p
g
Adapter cable
Connection between miniature periphe
ral port and peripheral port with large
0.1 m
CS1W–CN114
ral port and peripheral port with large
connector
CPM2C
Peripheral port
RS–232C port, 9–pin D–sub
XW2Z−200S−CV*
PC
XW2Z−200T*
XW2Z−500T
Y adapter cable
CPM2C−CN111
Peripheral port with large connector
Port adapter
CQM1−CIF02
Programming consoles
NT2S−SF122B
NT2S−SF123B
NT2S−CN222−V1
NT2S−CN225−V1
Adapter cable
CS1W−CN114
Control terminal
function keys
CQM1−PRO01
Adapter cable
CS1W−CN118
PC or laptop
Touch−screen
control terminals
Control terminal
function keys
NT2S−SF121B
NT2S−CN212
NT2S−CN215
Control terminal
function keys
* Please compare these articles with the selection available in your country.
Compact PLC Series CPM2C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com