Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPM2C Datasheet(PDF) 3 Page - Omron Electronics LLC

Part # CPM2C
Description  Compact PLC Series
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

CPM2C Datasheet(HTML) 3 Page - Omron Electronics LLC

  CPM2C Datasheet HTML 1Page - Omron Electronics LLC CPM2C Datasheet HTML 2Page - Omron Electronics LLC CPM2C Datasheet HTML 3Page - Omron Electronics LLC CPM2C Datasheet HTML 4Page - Omron Electronics LLC CPM2C Datasheet HTML 5Page - Omron Electronics LLC CPM2C Datasheet HTML 6Page - Omron Electronics LLC CPM2C Datasheet HTML 7Page - Omron Electronics LLC CPM2C Datasheet HTML 8Page - Omron Electronics LLC CPM2C Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
51
CPU Units
CPM2C–CPU Unit
Model code
CPM2C–10CDR–D
− DIN rail mounting
− LED status display
Inputs
6 DC inputs
− LED status display
−Max. 5 Expansion Units
Outputs
4, relay
Max. 5 Expansion Units
− Removable terminal blocks
Vlt
l 24 VDC
Data backup
Capacitor
− Voltage supply 24 VDC
Real−time clock
−
Model code
CPM2C–10C1DR–D
Inputs
6 DC inputs
Outputs
4, relay
Data backup
Battery
Real−time clock
Yes
Model code
CPM2C–20CDR–D
Inputs
12 DC inputs
Outputs
8, relay
Data backup
Capacitor
Real−time clock
−
Model code
CPM2C–20C1DR–D
Inputs
12 DC inputs
Outputs
8, relay
Data backup
Battery
Real−time clock
Yes
CPM2C–CPU Unit
Model code
CPM2C–10CDT1C–D
− DIN rail mounting
− LED status display
Inputs
6 DC inputs
− LED status display
− Max. 5 Expansion Units
Outputs
4, transistor, PNP
Max. 5 Expansion Units
− 24−pin front connector*
Vlt
l 24 VDC
Data backup
Capacitor
− Voltage supply 24 VDC
− Pulse output
Real−time clock
−
− Pulse output
− FUJITSU connector
Model code
CPM2C–10CDTC–D
Inputs
6 DC inputs
Outputs
4, transistor, NPN
Data backup
Capacitor
Real−time clock
−
Model code
CPM2C–10C1DT1C–D
Inputs
6 DC inputs
Outputs
4, transistor, PNP
Data backup
Battery
Real−time clock
Yes
Model code
CPM2C–10C1DTC–D
Inputs
6 DC inputs
Outputs
4, transistor, NPN
Data backup
Battery
Real−time clock
Yes
* Front connector or terminal block and cable are not included in delivery package, see page 465.
Compact PLC Series CPM2C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com