Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LRI2K Datasheet(PDF) 87 Page - STMicroelectronics

Part # LRI2K
Description  13.56 MHz, 2048-bit EEPROM tag IC with 64-bit UID and kill code, ISO 15693 and ISO 18000-3 Mode 1 compliant
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LRI2K Datasheet(HTML) 87 Page - STMicroelectronics

Back Button LRI2K Datasheet HTML 81Page - STMicroelectronics LRI2K Datasheet HTML 82Page - STMicroelectronics LRI2K Datasheet HTML 83Page - STMicroelectronics LRI2K Datasheet HTML 84Page - STMicroelectronics LRI2K Datasheet HTML 85Page - STMicroelectronics LRI2K Datasheet HTML 86Page - STMicroelectronics LRI2K Datasheet HTML 87Page - STMicroelectronics LRI2K Datasheet HTML 88Page - STMicroelectronics LRI2K Datasheet HTML 89Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 87 / 89 page
background image
LRI2K
CRC (Informative)
87/89
B.3
Application Family Identifier (AFI) (Informative)
The AFI (Application Family Identifier) represents the type of application targeted by the
VCD and is used to extract from all the LRI2K present only the LRI2K meeting the required
application criteria.
It is programmed by the LRI2K issuer (the purchaser of the LRI2K). Once locked, it cannot
be modified.
The most significant nibble of the AFI is used to code one specific or all application families,
as defined in Table 98.
The least significant nibble of the AFI is used to code one specific or all application sub-
families. Sub-family codes different from 0 are proprietary.
Table 98.
AFI coding(1)
1.
X = '1' to 'F', Y = '1' to 'F.
AFI
most
significant
nibble
AFI
least
significant
nibble
Meaning
VICCs respond from
Examples / Note
‘0’
‘0’
All families and sub-families
No applicative preselection
‘X’
'0
'All sub-families of family X
Wide applicative preselection
'X
'‘Y’
Only the Yth sub-family of family X
‘0’
‘Y’
Proprietary sub-family Y only
‘1
'‘0’, ‘Y’
Transport
Mass transit, Bus, Airline etc.
'2
'‘0’, ‘Y’
Financial
IEP, Banking, Retail etc.
'3
'‘0’, ‘Y’
Identification
Access Control etc.
'4
'‘0’, ‘Y’
Telecommunication
Public Telephony, GSM etc.
‘5’
‘0’, ‘Y’
Medical
'6
'‘0’, ‘Y’
Multimedia
Internet services etc.
'7
'‘0’, ‘Y’
Gaming
8
'‘0’, ‘Y’
Data storage
Portable Files etc.
'9
'‘0’, ‘Y’
Item management
'A
'‘0’, ‘Y’
Express parcels
'B
'‘0’, ‘Y’
Postal services
'C
'‘0’, ‘Y’
Airline bags
'D
'‘0’, ‘Y’
RFU
'E
'‘0’, ‘Y’
RFU
‘F’
‘0’, ‘Y’
RFU



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com