Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MXP-123SD Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # MXP-123SD
Description  1.25G SFP Transceiver
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MXP-123SD Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  MXP-123SD Datasheet HTML 1Page - List of Unclassifed Manufacturers MXP-123SD Datasheet HTML 2Page - List of Unclassifed Manufacturers MXP-123SD Datasheet HTML 3Page - List of Unclassifed Manufacturers MXP-123SD Datasheet HTML 4Page - List of Unclassifed Manufacturers MXP-123SD Datasheet HTML 5Page - List of Unclassifed Manufacturers MXP-123SD Datasheet HTML 6Page - List of Unclassifed Manufacturers MXP-123SD Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Transmitter Optical, Electrical Characteristics
Parameter
Symbol
Min
Typ
Max
Unit
Note
Input differential impedance
Rin
100
Ω
Differential data input swing
Vin PP
100
1200
mV
Transmit Disable Input High Voltage
2.0
V
Transmit Disable Input Low Voltage
0.8
V
Transmit Fault OutputHighVoltage
2.0
V
Transmit Fault Output LowVoltage
0.8
V
Transmit Disable Assert Time
0.14
5
µs
Optical Transmit Power
PO
-9.5
-3
dBm
Average Power
Extinction Ratio
ER
9
dB
Output Spectrum Width(RMS)
∆λ
4
nm
Receiver Optical, Electrical Characteristics
Parameter
Symbol
Min
Typ
Max
Unit
Note
Single ended data output swing
Vout PP
200
800
mV
Receiver Loss of Signal Output
Voltage -high
2
V
Receiver Loss of Signal Output
Voltage -low
0.8
V
Sensitivity
Sen
-20
dBm
BER<1E-10
Maximum Input Power
PinMAX
-3
dBm
Signal detect Range
-30
-21
dBm
Signal detect-Hysteresis
0.5
dB
Absolute Maximum Ratings
Parameter
Symbol
Min
Max
Unit
Note
Storage Temperature
TS
-40
+85
℃
Operating Temperature
TO
0
+70
℃
Power Supply Voltage
VCC
-0.5
6.0
V
2of7



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com