Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MXP-123SD Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # MXP-123SD
Description  1.25G SFP Transceiver
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MXP-123SD Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  MXP-123SD Datasheet HTML 1Page - List of Unclassifed Manufacturers MXP-123SD Datasheet HTML 2Page - List of Unclassifed Manufacturers MXP-123SD Datasheet HTML 3Page - List of Unclassifed Manufacturers MXP-123SD Datasheet HTML 4Page - List of Unclassifed Manufacturers MXP-123SD Datasheet HTML 5Page - List of Unclassifed Manufacturers MXP-123SD Datasheet HTML 6Page - List of Unclassifed Manufacturers MXP-123SD Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Receiver Section
The receiver utilizes an InGaAs PIN photodiode mounted together with a
trans-impedance preamplifier IC in an OSA. This OSA is connected to a circuit providing
post-amplification quantization, and optical signal detection.
RX-LOS
LOS (Loss of Signal) is an open collector/drain output, which should be pulled up
with a 4.7K – 10KΩresistor. Pull up voltage between 2.0V and VccT, R+0.3V. When high,
this output indicates the received optical power is below the worst-case receiver sensitivity
(as defined by the standard in use). Low indicates normal operation. In the low state, the
output will be pulled to < 0.8V.
The RX-LOS is high (TTL logic “1”) when there is no incoming light from the
companion transceiver. This signal is normally used by the system for the diagnostic
purpose. The signal is operated in TTL level.
RD-/+
These are the differential receiver outputs. They are AC coupled 100Ω differential
lines which should be terminated with 100 Ω(differential) at the user SERDES. The AC
coupling is done inside the module and is thus not required on the host board. The voltage
swing on these lines will be between 370 and 2000 mV differential (185 – 1000 mV single
ended) when properly terminated.
Recommended Interface Circuit
Laser
driver
Amplifier
EEPROM
Host Board
DC+3.3V
DC+3.3V
PECL
PECL
DC +3.3V
DC+3.3V
3X4.7K to 10KΩ
4.7K to 10KΩ
DC+3.3V
2X150Ω
SFP Module
DC+3.3V
4.7K to 10KΩ
4.7K to 10KΩ
TX-DISABLE
TX-FAULT
TX-DATQ
TX-DAT
Z0=50Ω
Z0=50Ω
Z0=50Ω
Z0=50Ω
RX-DAT
RX-DATQ
RX-LOS
MOD-DEF(2)
MOD-DEF(1)
MOD-DEF(0)
SerDat IN+
SerDat IN-
SerDat OUT+
SerDat OUT-
RGND
5of7



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com