Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA4850 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # TDA4850
Description  Horizontal and vertical deflection controller for VGA/XGA and multi-frequency monitors
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA4850 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button TDA4850 Datasheet HTML 4Page - NXP Semiconductors TDA4850 Datasheet HTML 5Page - NXP Semiconductors TDA4850 Datasheet HTML 6Page - NXP Semiconductors TDA4850 Datasheet HTML 7Page - NXP Semiconductors TDA4850 Datasheet HTML 8Page - NXP Semiconductors TDA4850 Datasheet HTML 9Page - NXP Semiconductors TDA4850 Datasheet HTML 10Page - NXP Semiconductors TDA4850 Datasheet HTML 11Page - NXP Semiconductors TDA4850 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
1997 Jun 05
8
Philips Semiconductors
Product specification
Horizontal and vertical deflection controller
for VGA/XGA and multi-frequency monitors
TDA4850
CHARACTERISTICS
VP = 12 V; Tamb =25 °C; measurements taken in Fig.6; unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Supply
VP
supply voltage (pin 1)
9.2
12
16
V
IP
supply current
−
40
−
mA
Internal reference voltage
Vref
internal reference voltage
6.0
6.25
6.5
V
TC
temperature coefficient
Tamb = 20 to 100 °C
−−±90
10−6/K
PSRR
power supply ripple rejection
f = 1 kHz sine wave
60
75
−
dB
f = 1 MHz sine wave
25
35
−
dB
VP
supply voltage (pin 1) to ensure all internal
reference voltages
9.2
−
16
V
Composite sync input (AC-coupled; V10 =5V)
Vi sync
sync amplitude of video input signal (pin 9)
sync on green;
RS =50 Ω
−
300
−
mV
top sync clamping level
1.1
1.32
1.5
V
slicing level above top sync level
90
120
150
mV
RS
allowed source resistance for 7% duty cycle Vi sync > 200 mV
−−
1.5
k
Ω
r9
differential input resistance
during sync
−
80
−Ω
I9
charging current of coupling capacitor
V9 > 1.5 V
1.7
2.6
3.4
µA
tint
vertical sync integration time to generate
sync pulse
710
13
µs
Horizontal sync input (DC-coupled, TTL-compatible)
Vi sync
sync input signal (peak value; pin 9)
1.7
−−
V
slicing level
1.2
1.4
1.6
V
tp
minimum pulse width
700
−−
ns
tr, tf
rise time and fall time
10
−
500
ns
I9
input current
V9 = 0.8 V
−−−200
µA
V9 = 5.5 V
−−
10
µA
Automatic horizontal polarity switch (H-sync on pin 9)
tpH/tH
horizontal sync pulse width related to tH
(duty cycle for automatic polarity correction)
−−
30
%
tp
delay time for changing sync polarity
0.3
−
1.8
ms
Vertical sync input (DC-coupled, TTL-compatible; V-sync on pin 10)
Vi sync
sync input signal (peak value; pin 10)
1.7
−−
V
slicing level
1.2
1.4
1.6
V
I10
input current
0 < V10 < 5.5 V
−−±10
µA
tpV
maximum vertical sync pulse width for
automatic vertical polarity switch
−−
300
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com