Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA4850 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # TDA4850
Description  Horizontal and vertical deflection controller for VGA/XGA and multi-frequency monitors
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA4850 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button TDA4850 Datasheet HTML 9Page - NXP Semiconductors TDA4850 Datasheet HTML 10Page - NXP Semiconductors TDA4850 Datasheet HTML 11Page - NXP Semiconductors TDA4850 Datasheet HTML 12Page - NXP Semiconductors TDA4850 Datasheet HTML 13Page - NXP Semiconductors TDA4850 Datasheet HTML 14Page - NXP Semiconductors TDA4850 Datasheet HTML 15Page - NXP Semiconductors TDA4850 Datasheet HTML 16Page - NXP Semiconductors TDA4850 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
1997 Jun 05
13
Philips Semiconductors
Product specification
Horizontal and vertical deflection controller
for VGA/XGA and multi-frequency monitors
TDA4850
Fig.4 Vertical and E/W timing diagram.
(1) In multi-frequency mode.
(2) For free-running oscillator.
handbook, full pagewidth
MHA711
,,,,,,,,,,
,,,,,,,,,,
100
µs
150
µs
50
µs(1)
325
µs
19.4 to 8.5 ms
(50 to 110 Hz)
1.2 V
4.5 V
3.8 V
4.0 V(2)
sawtooth
voltage
on pin 16
internal
timing
pulse
V trigger
pulse
trigger
inhibit
window
amplitude
control
pulse
vertical
blanking pulse
on pin 8
differential
output currents
E/W parabola
on pin 11
2.1 V
1.4 V
0.7 V
550
µA on pin 6
50
µA on pin 5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com