Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLS820D2ELVSE Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # TLS820D2ELVSE
Description  Low dropout linear voltage regulator
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLS820D2ELVSE Datasheet(HTML) 2 Page - Infineon Technologies AG

  TLS820D2ELVSE Datasheet HTML 1Page - Infineon Technologies AG TLS820D2ELVSE Datasheet HTML 2Page - Infineon Technologies AG TLS820D2ELVSE Datasheet HTML 3Page - Infineon Technologies AG TLS820D2ELVSE Datasheet HTML 4Page - Infineon Technologies AG TLS820D2ELVSE Datasheet HTML 5Page - Infineon Technologies AG TLS820D2ELVSE Datasheet HTML 6Page - Infineon Technologies AG TLS820D2ELVSE Datasheet HTML 7Page - Infineon Technologies AG TLS820D2ELVSE Datasheet HTML 8Page - Infineon Technologies AG TLS820D2ELVSE Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 33 page
background image
Datasheet
2
Rev.1.0
2020-07-27
OPTIREG™ linear TLS820D2ELVSE
Low dropout linear voltage regulator
The device can be switched on and off by the enable feature.
The output voltage of the TLS820D2ELVSE can be selected between 5 V and 3.3 V by connecting the SEL pin to
VQ or GND. When the SEL pin is connected to VQ, the regulator’s output is set to 5 V; when the SEL pin is
connected to GND, the regulator’s output is set to 3.3 V.
The reset feature supervises the output voltage, including undervoltage reset, delayed reset at power-on and
an adjustable lower reset threshold.
Internal protection features such as output current limitation and overtemperature shutdown, protect the
device from immediate damage caused by failure such as output shorted to GND, overcurrent or
overtemperature conditions.
External components
An input capacitor CI is recommended to compensate for line influences. The output capacitor CQ is necessary
for the stability of the regulating circuit. The TLS820D2ELVSE is designed to be stable with low ESR ceramic
capacitors.
Type
Package
Marking
TLS820D2ELVSE
PG-SSOP-14
820D2VSE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com