Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLS820D2ELVSE Datasheet (PDF) - Infineon Technologies AG

TLS820D2ELVSE Datasheet PDF - Infineon Technologies AG
Part # TLS820D2ELVSE
Download  TLS820D2ELVSE Download
File Size   947.64 Kbytes
Page   33 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description Low dropout linear voltage regulator

TLS820D2ELVSE Datasheet (PDF)

Go To PDF Page Download Datasheet
TLS820D2ELVSE Datasheet PDF - Infineon Technologies AG

Part # TLS820D2ELVSE
Download  TLS820D2ELVSE Click to download

File Size   947.64 Kbytes
Page   33 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description Low dropout linear voltage regulator

TLS820D2ELVSE Datasheet (HTML) - Infineon Technologies AG


TLS820D2ELVSE Product details

Features
• Wide input voltage range from 3.0 V to 40 V
• Selectable output voltage 5 V or 3.3 V
• Output voltage accuracy ≤ ±2%
• Output current capability up to 200 mA
• Ultra low current consumption, typical 20 µA
• Very low dropout voltage, typical 100 mV, at output currents below 100 mA
• Stable with ceramic output capacitor of 1 µF
• Enable
• Reset output
• Adjustable reset threshold down to 2 V
• Overtemperature shutdown
• Output current limitation
• Wide temperature range
• Green Product (RoHS compliant)

Potential applications
• Automotive or other supply systems that are connected to the battery permanently
• Automotive supply systems that need to operate in cranking condition

Product validation
Qualified for automotive applications. Product validation according to AEC-Q100.

Description
The OPTIREG™ linear TLS820D2ELVSE is a linear voltage regulator with high performance, very low dropout
voltage and very low quiescent current.
With an input voltage range of 3 V to 40 V and very low quiescent current of only 20 µA, this regulator is
perfectly suitable for automotive or other supply systems permanently connected to the battery.
The new loop concept combines fast regulation and very high stability while requiring only one small ceramic
capacitor of 1 µF at the output. At output currents below 100 mA the device has a very low dropout voltage of
only 100 mV (for an output voltage of 5 V) and 120 mV (for an output voltage of 3.3 V). The operating range
starts at an input voltage of only 3 V (extended operating range). This makes the TLS820D2ELVSE suitable for
automotive systems that need to operate during cranking condition.




Similar Part No. - TLS820D2ELVSE

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLS820D0 INFINEON-TLS820D0 Datasheet
1Mb / 31P
Low Dropout Linear Voltage Regulator
Rev. 1.0, 2016-02-08
TLS820D0ELV33 INFINEON-TLS820D0ELV33 Datasheet
1Mb / 31P
Low Dropout Linear Voltage Regulator
Rev. 1.0, 2016-02-08
TLS820D0ELV50 INFINEON-TLS820D0ELV50 Datasheet
1Mb / 31P
Low Dropout Linear Voltage Regulator
Rev. 1.0, 2016-02-08
More results


Similar Description - TLS820D2ELVSE

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IFX2931 INFINEON-IFX2931 Datasheet
1Mb / 15P
Low Dropout Linear Voltage Regulator
Rev. 1.12, 2010-02-23
TLE42344G INFINEON-TLE42344G Datasheet
1Mb / 13P
Low Dropout Linear Voltage Regulator
Rev. 1.0, 2010-02-08
TLE42744 INFINEON-TLE42744 Datasheet
438Kb / 18P
Low Dropout Linear Voltage Regulator
Rev. 1.1, January 2010
TLE42764 INFINEON-TLE42764_11 Datasheet
1Mb / 20P
Low Dropout Linear Voltage Regulator
Rev. 1.2, 2011-02-15
logo
Analog Devices
ADP667 AD-ADP667_15 Datasheet
160Kb / 12P
Low-Dropout Linear Voltage Regulator
REV. A
logo
Infineon Technologies A...
TLS715B0 INFINEON-TLS715B0_15 Datasheet
1Mb / 20P
Low Dropout Linear Voltage Regulator
Rev. 1.0, 2015-03-12
TLF2931 INFINEON-TLF2931 Datasheet
1Mb / 15P
Low Dropout Linear Voltage Regulator
Rev. 1.0, 2010-10-06
TLS850F1TAV50 INFINEON-TLS850F1TAV50 Datasheet
1Mb / 35P
Low Dropout Linear Voltage Regulator
Rev. 1.0, 2016-02-04
TLS850B0TBV33 INFINEON-TLS850B0TBV33 Datasheet
901Kb / 23P
Low dropout linear voltage regulator
Rev. 1.00 2017-09-12
TLS850B0TEV33 INFINEON-TLS850B0TEV33 Datasheet
837Kb / 23P
Low dropout linear voltage regulator
Rev. 1.00 2017-10-16
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com