Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MS2209 Datasheet(PDF) 1 Page - Advanced Power Technology

Part # MS2209
Description  RF & MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

MS2209 Datasheet(HTML) 1 Page - Advanced Power Technology

  MS2209 Datasheet HTML 1Page - Advanced Power Technology MS2209 Datasheet HTML 2Page - Advanced Power Technology MS2209 Datasheet HTML 3Page - Advanced Power Technology MS2209 Datasheet HTML 4Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MS2209
Advanced Power Technology reserves the right to change, without notice, the specifications and information contained herein
Visit our website at WWW.ADVANCEDPOWER.COM or contact our factory direct.
DESCRIPTION:
DESCRIPTION:
DESCRIPTION:
DESCRIPTION:
The MS2209 is a broadband, high peak pulse power silicon NPN
bipolar device specifically designed for avionics applications requiring
broad bandwidth with moderate duty cycles and pulse width
constraints such as ground/ship based DME/TACAN.
This device is also designed for specialized applications including
JTIDS applications when duty cycle is moderately higher. Gold
metallization and emitter ballasting assure high reliability under Class
C amplifier operation.
ABSOLUTE MAXIMUM RATINGS
ABSOLUTE MAXIMUM RATINGS
ABSOLUTE MAXIMUM RATINGS
ABSOLUTE MAXIMUM RATINGS (Tcase = 25°°°°C)
Symbol
Parameter
Value
Unit
VCC
Collector Supply Voltage
50
V
IC
Device Current
7.0
A
PDISS
Power Dissipation
220
W
TJ
Junction Temperature (RF Pulsed Operation)
+200
°°°°C
TSTG
Storage Temperature
-65 to +200
°°°°C
Thermal Data
Thermal Data
Thermal Data
Thermal Data
RTH(J-C)
Junction-case Thermal Resistance
0.80
°°°°C/W
Features
Features
Features
Features
•
225 MHz BANDWIDTH
•
COMMON BASE
•
GOLD METALLIZATION
•
CLASS C OPERATION
•
POUT = 90 W MIN. WITH 13 dB GAIN
RF & MICROWAVE TRANSISTORS
AVIONICS APPLICATIONS
140 COMMERCE DRIVE
MONTGOMERYVILLE, PA
18936-1013
PHONE: (215) 631-9840
FAX: (215) 631-9855
Rev A 09-2005


Similar Part No. - MS2209

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
MS2209 MICROSEMI-MS2209 Datasheet
137Kb / 3P
RF & MICROWAVE TRANSISTORS AVIONICS APPLICATION
logo
Advanced Power Technolo...
MS2209 ADPOW-MS2209 Datasheet
445Kb / 4P
RF & MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
logo
Microsemi Corporation
MS2209 MICROSEMI-MS2209 Datasheet
128Kb / 4P
RF & MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
MS2209 MICROSEMI-MS2209_08 Datasheet
128Kb / 4P
RF & MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
More results

Similar Description - MS2209

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AM0608-450 STMICROELECTRONICS-AM0608-450 Datasheet
82Kb / 3P
AVIONICS APPLICATIONS RF & MICROWAVE TRANSISTORS
Aug-1992
AM80912-015 STMICROELECTRONICS-AM80912-015 Datasheet
94Kb / 6P
AVIONICS APPLICATIONS RF & MICROWAVE TRANSISTORS
Mar-1994
AM80912-085 STMICROELECTRONICS-AM80912-085 Datasheet
66Kb / 5P
AVIONICS APPLICATIONS RF & MICROWAVE TRANSISTORS
Aug-1992
MSC1000M STMICROELECTRONICS-MSC1000M Datasheet
100Kb / 5P
AVIONICS APPLICATIONS RF & MICROWAVE TRANSISTORS
Oct-1992
MSC81325M STMICROELECTRONICS-MSC81325M Datasheet
73Kb / 3P
RF & MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
Oct-1992
MSC81400M STMICROELECTRONICS-MSC81400M Datasheet
65Kb / 3P
RF & MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
Oct-1992
SD1540-08 STMICROELECTRONICS-SD1540-08 Datasheet
72Kb / 5P
RF & MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
Nov-1992
logo
Advanced Power Technolo...
MS2290 ADPOW-MS2290 Datasheet
94Kb / 3P
RF & MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
MS2554 ADPOW-MS2554 Datasheet
91Kb / 3P
RF & MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
MSC1175M ADPOW-MSC1175M Datasheet
143Kb / 4P
RF & MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com