Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MS2213 Datasheet(PDF) 1 Page - Advanced Power Technology

Part # MS2213
Description  RF & MICROWAVE TRANSISTORS AVIONICS/JTIDS APPLICATIONS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

MS2213 Datasheet(HTML) 1 Page - Advanced Power Technology

  MS2213 Datasheet HTML 1Page - Advanced Power Technology MS2213 Datasheet HTML 2Page - Advanced Power Technology MS2213 Datasheet HTML 3Page - Advanced Power Technology MS2213 Datasheet HTML 4Page - Advanced Power Technology MS2213 Datasheet HTML 5Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Advanced Power Technology reserves the right to change, without notice, the specifications and information contained herein
Visit our website at WWW.ADVANCEDPOWER.COM or contact our factory direct.
MS2213
DESCRIPTION
::
The MS2213 is a silicon NPN bipolar device specifically designed
for JTIDS pulsed power applications from 960-1215 MHz.
Gold metallization and emitter ballasting assure high reliability
under Class C amplifier operation. This device operates over a
wide range of pulse widths, duty cycles and temperatures, and
can withstand a 15:1 VSWR mismatch under load.
AABSOLUTE MAXIMUM RATINGS
BSOLUTE MAXIMUM RATINGS (Tcase = 25°°C)
Symbol
Parameter
Value
Unit
VCC
Collector-Supply Voltage
40
V
IC
Device Current
3.5
A
PDISS
Power Dissipation
75
W
TJ
Junction Temperature (RF Pulsed Operation)
+250
°°C
TSTG
Storage Temperature
-65 to +200
°°C
Thermal Data
Thermal Data
RTH(J-C)
Junction-case Thermal Resistance
2.2
°°C/W
Features
• 960-1215 MHz
• COMMON BASE
• GOLD METALLIZATION
• HERMETIC PACKAGE
• CLASS C OPERATION
• POUT = 30 W MIN. WITH 7.8 dB GAIN
RF & MICROWAVE TRANSISTORS
AVIONICS/JTIDS APPLICATIONS
140 COMMERCE DRIVE
MONTGOMERYVILLE, PA
18936-1013
PHONE: (215) 631-9840
FAX: (215) 631-9855


Similar Part No. - MS2213

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
MS2213 MICROSEMI-MS2213 Datasheet
152Kb / 3P
RF & MICROWAVE TRANSISTORS SPECIALITY AVIONICS/JTIDS APPLICATIONS
More results

Similar Description - MS2213

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AM0608-450 STMICROELECTRONICS-AM0608-450 Datasheet
82Kb / 3P
AVIONICS APPLICATIONS RF & MICROWAVE TRANSISTORS
Aug-1992
AM80912-015 STMICROELECTRONICS-AM80912-015 Datasheet
94Kb / 6P
AVIONICS APPLICATIONS RF & MICROWAVE TRANSISTORS
Mar-1994
AM80912-085 STMICROELECTRONICS-AM80912-085 Datasheet
66Kb / 5P
AVIONICS APPLICATIONS RF & MICROWAVE TRANSISTORS
Aug-1992
MSC1000M STMICROELECTRONICS-MSC1000M Datasheet
100Kb / 5P
AVIONICS APPLICATIONS RF & MICROWAVE TRANSISTORS
Oct-1992
MSC81325M STMICROELECTRONICS-MSC81325M Datasheet
73Kb / 3P
RF & MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
Oct-1992
MSC81400M STMICROELECTRONICS-MSC81400M Datasheet
65Kb / 3P
RF & MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
Oct-1992
SD1540-08 STMICROELECTRONICS-SD1540-08 Datasheet
72Kb / 5P
RF & MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
Nov-1992
logo
Microsemi Corporation
MS2213 MICROSEMI-MS2213 Datasheet
152Kb / 3P
RF & MICROWAVE TRANSISTORS SPECIALITY AVIONICS/JTIDS APPLICATIONS
logo
Advanced Power Technolo...
MS2290 ADPOW-MS2290 Datasheet
94Kb / 3P
RF & MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
MSC1175M ADPOW-MSC1175M Datasheet
143Kb / 4P
RF & MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com