Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MS2213 Datasheet(PDF) 2 Page - Advanced Power Technology

Part # MS2213
Description  RF & MICROWAVE TRANSISTORS AVIONICS/JTIDS APPLICATIONS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

MS2213 Datasheet(HTML) 2 Page - Advanced Power Technology

  MS2213 Datasheet HTML 1Page - Advanced Power Technology MS2213 Datasheet HTML 2Page - Advanced Power Technology MS2213 Datasheet HTML 3Page - Advanced Power Technology MS2213 Datasheet HTML 4Page - Advanced Power Technology MS2213 Datasheet HTML 5Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Advanced Power Technology reserves the right to change, without notice, the specifications and information contained herein
Visit our website at WWW.ADVANCEDPOWER.COM or contact our factory direct.
MS2213
ELECTRICAL SPECIFICATIONS (Tcase = 25
ELECTRICAL SPECIFICATIONS (Tcase = 25°°C)
C)
STATIC
STATIC
Value
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
BVCBO
IC = 10mA
55
---
---
V
BVEBO
IE = 1mA
3.5
---
---
V
BVCER
IC= 20mA
RBE=10
Ω
Ω
55
---
---
V
ICES
VCB= 35 V
------
---
5.0
mA
hFE
VCE = 5 V
IC = 1A
15
---
150
---
DYNAMIC
DYNAMIC
Value
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
POUT
f = 960-1215 MHz
VCC = 35V
PIN=5.0W
30
---
---
W
GP
f = 960-1215 MHz
VCC = 35V
PIN=5.0W
7.8
---
---
dB
ηη
C
f = 960-1215 MHz
VCC=35V
PIN=5.0W
40
---
%
Pulse format: 6.4 us on 6.6 us off, repeat for 3.3ms, then off for 4.5125 ms.
Duty Cycle: Burst 49.2%, overall 20.8%.
IMPEDANCE DATA
IMPEDANCE DATA
Freq. (MHz)
ZIN (
Ω
Ω)
ZOUT (
Ω
Ω)
960
4.5 + j 6.0
11.0 + j 0.5
1090
5.5 + j 6.3
12.0 – j 2.0
1215
5.0 + j 5.0
12.5 – j 5.0



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com