Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BHCS400F Datasheet(PDF) 1 Page - Bi technologies

Part # BHCS400F
Description  HIGH CURRENT CHASSIS MOUNT SHUNT RESISTORS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

BHCS400F Datasheet(HTML) 1 Page - Bi technologies

  BHCS400F Datasheet HTML 1Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
HIGH CURRENT CHASSIS MOUNT SHUNT RESISTORS
Features………………………………………………………….
Excellent long-term stability.
Low TCR.
Easy current measurement.
High current shunt resistors.
Low loss, extremely low sense voltage.
Applications………………………………………………………
High precision power supplies.
Power converters.
Current measurement instrumentation.
Power generation industry equipment
.
Specifications and Performances
Specifications subject to change without notice
ITEM
BHCS
100
BHCS
400
BHCS
600
BHCS
1000
Current Rating
100A
400A
600A
1000A
Output Voltage
1
60mV
60mV
60mV
60mV
Resistance (milliohms)
(0.6)
(0.15)
(0.1)
(0.06)
Tolerance (%)
±1
±1
±1
±1
TCR (ppm/
°C)
±100
±100
±100
±100
Thermal Resistance (
°C/W)
1.5
0.55
0.42
0.23
Operating Temp.
-55 - +125
°C
Storage Temp.
-55 - +125
°C
Weight (Kg)
0.24
0.24
0.24
0.56
Note:
(1) 100 mV rating voltage is available.
(2) Test data is available on request.
(3) Terminal screws are available
Ordering Information
BHCS
1000
F
Model
Current Rating
Tolerance
1000A : 1000
F = 1% Tol
1
Dimensions (mm)
A
E
F
G
D
2-dia.12
2-M4 TAP
+/-0.2 mm
BHCS100
BHCS200
BHCS400
BHCS1000
A
100
100
100
100
B30
30
30
70
C10
10
10
20
D15
15
15
15
E22
22
22
22
F8
8
8
8
G10
10
10
10
H13
26
26
65
Material
Terminal: Cu plated Ni.
Resistance: Manganin.
Junction: Weld.
%
Power Rating
100
+75
°C
80
60
40
20
+125
°C
0
-50
0
+50
+100
+150
Ambient temperature (
°C)


Similar Part No. - BHCS400F

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
BHC-AN1P2 EVERLIGHT-BHC-AN1P2 Datasheet
149Kb / 10P
Chip LEDs
BHC-AN1P2-3T EVERLIGHT-BHC-AN1P2-3T Datasheet
160Kb / 10P
Chip LED(0.8mm Herght)
BHC-APR EVERLIGHT-BHC-APR Datasheet
194Kb / 10P
Chip LED with Inner Lens
BHC-AS1T2 EVERLIGHT-BHC-AS1T2 Datasheet
167Kb / 7P
Side View LEDs
BHC-AUW EVERLIGHT-BHC-AUW Datasheet
150Kb / 10P
1.8mm round Subminiature Chip LED
More results

Similar Description - BHCS400F

ManufacturerPart #DatasheetDescription
logo
Riedon Powertron
USR4-3425 RIEDON-USR4-3425 Datasheet
359Kb / 3P
Precision Shunt Resistors
logo
American Accurate Compo...
SR1-0160FZM AAC-SR1-0160FZM Datasheet
110Kb / 1P
CURRENT SHUNT RESISTORS
logo
List of Unclassifed Man...
HPK600 ETC2-HPK600 Datasheet
130Kb / 1P
MEDIUM VOLTAGE CHASSIS MOUNT RESISTORS
logo
Riedon Powertron
FPR2-T218 RIEDON-FPR2-T218_13 Datasheet
313Kb / 2P
Precision Shunt Resistors
logo
List of Unclassifed Man...
SH-FM ETC-SH-FM Datasheet
233Kb / 1P
Shunt Resistors
SH-L ETC-SH-L Datasheet
296Kb / 2P
Shunt Resistors
SH-T ETC-SH-T Datasheet
453Kb / 5P
Shunt Resistors
RSR-1 ETC-RSR-1 Datasheet
532Kb / 2P
SHUNT RESISTORS
logo
Riedon Powertron
FPR2A-50RF1 RIEDON-FPR2A-50RF1 Datasheet
173Kb / 2P
Precision Shunt Resistors
logo
Stackpole Electronics, ...
HCC SEI-HCC Datasheet
292Kb / 4P
High Current Chassis Mount Shunt Resistor
10/22/2020
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com