Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA4863 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # TDA4863
Description  Vertical deflection booster
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA4863 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button TDA4863 Datasheet HTML 4Page - NXP Semiconductors TDA4863 Datasheet HTML 5Page - NXP Semiconductors TDA4863 Datasheet HTML 6Page - NXP Semiconductors TDA4863 Datasheet HTML 7Page - NXP Semiconductors TDA4863 Datasheet HTML 8Page - NXP Semiconductors TDA4863 Datasheet HTML 9Page - NXP Semiconductors TDA4863 Datasheet HTML 10Page - NXP Semiconductors TDA4863 Datasheet HTML 11Page - NXP Semiconductors TDA4863 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
2000 Aug 17
8
Philips Semiconductors
Product specification
Vertical deflection booster
TDA4863J; TDA4863AJ
CHARACTERISTICS
VP1 =25V; V4 =0V; Tamb =25 °C; voltages referenced to ground (pin 4); unless otherwise specified.
Note
1. Deviation of the output slope at a constant input slope.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Supplies
VP1
supply voltage 1 (pin 1)
9
−
30
V
VP2
supply voltage 2 (pin 3)
VP1 − 1
−
60
V
VFB
flyback supply voltage of TDA4863J
(pin 2)
VP1 − 1
−
60
V
VP3
flyback generator output voltage of
TDA4863AJ (pin 2)
I5 = −1.5 A
0
−
VP1 + 2.2 V
IP1
supply current 1 (pin 1)
during scan
−
610
mA
IP2
quiescent supply current 2 (pin 3)
I5 =0
−
25
60
mA
Differential input stage
VINP
input voltage (pin 7)
1.6
−
VP1 − 0.5 V
VINN
input voltage (pin 6)
1.6
−
VP1 − 0.5 V
IINP
input quiescent current (pin 7)
−−100
−500
nA
IINN
input quiescent current (pin 6)
−−100
−500
nA
Flyback generator
I2
current during flyback
−−±1.5
A
V3-2
voltage drop during flyback of
TDA4863J
reverse
I5 = −1A
−−1.5
−
V
I5 = −1.5 A
−−2
−
V
forward
I5 =1A
−
2.2
−
V
I5 = 1.5 A
−
2.5
−
V
V2-1
voltage drop during flyback of
TDA4863AJ
reverse
I5 = −1A
−−1.5
−
V
I5 = −1.5 A
−−2
−
V
forward
I5 =1A
−
2.2
−
V
I5 = 1.5 A
−
2.5
−
V
Vertical output stage; see Fig.5
I5
vertical deflection output current
−−±1.5
A
I5(p-p)
vertical deflection output current on
pin 5 (peak-to-peak value)
−−
3A
V5-4
output saturation voltage to ground
I5 =1A
−
1.4
1.7
V
I5 = 1.5 A
−
1.8
2.3
V
V5-3
output saturation voltage to VP2
I5 =1A
−2.3
−2
−
V
I5 = 1.5 A
−2.8
−2.3
−
V
LIN
non-linearity of output signal
note 1
−−
1%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com