Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA4863 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # TDA4863
Description  Vertical deflection booster
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA4863 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button TDA4863 Datasheet HTML 9Page - NXP Semiconductors TDA4863 Datasheet HTML 10Page - NXP Semiconductors TDA4863 Datasheet HTML 11Page - NXP Semiconductors TDA4863 Datasheet HTML 12Page - NXP Semiconductors TDA4863 Datasheet HTML 13Page - NXP Semiconductors TDA4863 Datasheet HTML 14Page - NXP Semiconductors TDA4863 Datasheet HTML 15Page - NXP Semiconductors TDA4863 Datasheet HTML 16Page - NXP Semiconductors TDA4863 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
2000 Aug 17
13
Philips Semiconductors
Product specification
Vertical deflection booster
TDA4863J; TDA4863AJ
Example for both TDA4863J and TDA4863AJ
Table 1
Values given from application
Note
1. For TDA4863J only.
Table 2
Calculated values
VP1,VN and VFB are referenced to ground of application;
voltages are calculated with +10% tolerances.
Calculation formulae for supply voltages:
VP1 = −V5-3 +(R1+Rdeflcoil) × Idefl(max) − U’L +UD1
VN =V5-4 +(R1+Rdeflcoil) × Idefl(max) +U’L
where
U’L =Ldeflcoil × 2Idefl(max) × fv
fv = vertical deflection frequency
UD1 = forward voltage drop across D1.
Calculation formulae for power consumption:
where
PIC = power dissipation of the IC
Ptot = total power dissipation
Pdefl = power dissipation of the deflection coil.
Calculation formulae for maximum required thermal
resistance for the heatsink at Tj(max) = 110 °C:
Table 3
tflb as a function of VFB for TDA4863J
Table 4
tflb as a function of VP1 and VN for TDA4863AJ
SYMBOL
VALUE
UNIT
Idefl(max)
0.71
A
Ldeflcoil
6mH
Rdeflcoil
6
Ω
RP
270
Ω
R1
1
Ω
R2
1.8
k
Ω
R3
1.8
k
Ω
VFB(1)
50
V
Tamb
60
°C
Tdeflcoil
75
°C
Rth(j-mb)
6
K/W
Rth(mb-amb)
8
K/W
SYMBOL
VALUE
UNIT
TDA4863J
TDA4863AJ
VP1
9
12.5
V
VN
−8
−12.5
V
Ptot
3.2
4.4
W
Pdefl
1.2
1.2
W
PIC
2
3.2
W
Rth(tot)
14
14
K/W
Tj(max)
88
105
°C
tflb (µs)
VFB (V)
350
30
250
40
210
50
tflb (µs)
VP1 (V)
VN (V)
PIC (W)
R6 (
Ω)
360
10
−10
2.5
1
290
12.5
−12.5
3.2
3.9
240
15
−15
3.9
6.8
P
IC
P
tot
P
defl
–
=
P
tot
V
P1
U
D1
–
()
I
defl(max)
4
--------------------
V
N
I
defl(max)
4
--------------------
×
+
×
=
V
P1
V
N
–
() 0.01 A 0.2 W
+
×
+
P
defl
R
deflcoil
R1
+
3
--------------------------------
I
defl(max)
2
×
=
R
th(mb-amb)
T
j(max)
T
amb
–
P
IC
-----------------------------------

 R
th(j-mb)
–
19 K/W (max.)
==



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com