Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA4887 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # TDA4887
Description  160 MHz bus-controlled monitor video preamplifier
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA4887 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button TDA4887 Datasheet HTML 9Page - NXP Semiconductors TDA4887 Datasheet HTML 10Page - NXP Semiconductors TDA4887 Datasheet HTML 11Page - NXP Semiconductors TDA4887 Datasheet HTML 12Page - NXP Semiconductors TDA4887 Datasheet HTML 13Page - NXP Semiconductors TDA4887 Datasheet HTML 14Page - NXP Semiconductors TDA4887 Datasheet HTML 15Page - NXP Semiconductors TDA4887 Datasheet HTML 16Page - NXP Semiconductors TDA4887 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 68 page
background image
2001 Oct 19
13
Philips Semiconductors
Product specification
160 MHz bus-controlled monitor video
preamplifier
TDA4887PS
10 CHARACTERISTICS
All voltages and currents are measured in a dedicated test circuit (see Fig.17) optimized for best high frequency
performance; all voltages are measured with respect to GND (pins 9 and 14); VP =VP1,2,3 = 8 V (pins 7, 21, 18 and 15);
Tamb =25 °C; nominal input signals [0.7 V (p-p) at pins 6, 8 and 10]; maximum colour signals at signal outputs (pins 22,
19 and 16); reference black level (Vbl(ref)) approximately 0.7 V; nominal setting for brightness; maximum settings for
OSD contrast, contrast and gain; no subcontrast, modulation of contrast or limiting (VLIM ≥ 5 V); no OSD fast blanking
(pin 1 connected to ground); notes 1 to 3; unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Supplies
VP
supply voltage (pin 7)
7.6
8.0
8.8
V
VP(SO)
supply voltage threshold at
pin 7 at which signal outputs
are switched off
note 1
6.8
7.0
7.2
V
IP
supply current (pin 7)
note 4
−
25
30
mA
VP(n)
supply voltage; channels 1,
2 and 3 (pins 21, 18 and 15)
7.6
8.0
8.8
V
IP(n)
supply current; channels 1,
2 and 3 (pins 21, 18 and 15)
pins 22, 19 and 16
open-circuit;
Vbl(n)(ref) = 0.7 V;
notes 4 and 5
−
20
25
mA
Input clamping and vertical blanking input, validation of buffered I2C-bus data (CLI; pin 5)
VCLI
input clamping and vertical
blanking input signal
notes 6 and 7
no vertical blanking,
no input clamping
−0.1
−
+1.2
V
vertical blanking,
no input clamping
1.6
−
2.6
V
input clamping,
no vertical blanking
3.5
−
VP
V
ICLI
input current
VCLI =1V
−−0.2
−µA
pin 5 connected to ground;
note 8
−80
−45
−30
µA
VCLI = −0.1 V; note 8
−250
−135
−100
µA
tr/f5
rise/fall time for input
clamping pulse; disable for
vertical blanking
note 6; see Fig.7
−−
75
ns/V
tW(CLI)
width of input clamping
pulse
200
−−
ns
tW(I2C)(valid)
width of vertical blanking
pulse for validation of
buffered I2C-bus data
leading and trailing edge
threshold VCLI = 1.4 V;
note 7
10
−−
µs
td(I2C)(valid)
delay between leading edge
of vertical blanking pulse
and validation of buffered
I2C-bus data
I2C-bus buffered mode
transmission completed;
leading edge threshold
VCLI = 1.4 V; note 7;
see Fig.7
−−
2
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com