Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA4887 Datasheet(PDF) 18 Page - NXP Semiconductors

Part # TDA4887
Description  160 MHz bus-controlled monitor video preamplifier
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA4887 Datasheet(HTML) 18 Page - NXP Semiconductors

Back Button TDA4887 Datasheet HTML 14Page - NXP Semiconductors TDA4887 Datasheet HTML 15Page - NXP Semiconductors TDA4887 Datasheet HTML 16Page - NXP Semiconductors TDA4887 Datasheet HTML 17Page - NXP Semiconductors TDA4887 Datasheet HTML 18Page - NXP Semiconductors TDA4887 Datasheet HTML 19Page - NXP Semiconductors TDA4887 Datasheet HTML 20Page - NXP Semiconductors TDA4887 Datasheet HTML 21Page - NXP Semiconductors TDA4887 Datasheet HTML 22Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 68 page
background image
2001 Oct 19
18
Philips Semiconductors
Product specification
160 MHz bus-controlled monitor video
preamplifier
TDA4887PS
δVo(n)
overshoot of output signal
pulse related to actual
output pulse amplitude
(pins 22, 19 and 16)
input rise time=1ns;
maximum colour signal
−−
10
%
undershoot of output signal
pulse related to actual
output pulse amplitude
(pins 22, 19 and 16)
input fall time = 1 ns;
maximum colour signal
−−
10
%
Crosstalk at signal outputs; channels 1, 2 and 3 (pins 22, 19 and 16)
αct(tr)(n)
transient crosstalk
suppression
(pins 22, 19 and 16)
input rise/fall time = 1 ns;
note 24
10
−−
dB
αct(f)
crosstalk suppression by
frequency
f = 50 MHz; note 25
25
−−
dB
f = 100 MHz; note 25
10
−−
dB
Internal feedback reference voltage for DC coupling; see Fig.12 and note 26
Vref(DC)
internal reference voltage for
negative feedback polarity
(without brightness control)
FFH; FPOL = 0; BRI = 0
3.7
3.95
4.1
V
00H; FPOL = 0; BRI = 0
5.6
5.75
5.9
V
internal reference voltage for
negative feedback polarity
(with brightness control, see
also brightness control
∆V
DA(n))
FFH; FPOL = 0; BRI = 1;
maximum brightness
2.3
2.55
2.7
V
00H; FPOL = 0; BRI = 1;
minimum brightness
5.6
5.75
5.9
V
Output clamping, feedback inputs for DC coupling; FB/R1, FB/R2 and FB/R3 (pins 23, 20 and 17)
IFB/Rn(max)
maximum input current
(pins 23, 20 and 17)
during output clamping;
VHFB > 3.5 V; VFB/Rn = 0.5 V;
FPOL = 0
−500
−200
−60
nA
Vbl(n)(ref)(min)
minimum reference black
level/minimum pedestal
black level
(pins 22, 19 and 16)
VHFB > 3.5 V; FPOL = 0
0.01
0.1
0.5
V
Vbl(n)(ref)(max)
maximum reference black
level/maximum pedestal
black level
(pins 22, 19 and 16)
VHFB > 3.5 V; FPOL = 0
2.0
2.8
4.0
V
∆V
bl(CRT)
black level variation at CRT
FPOL = 0; note 27
−−
200
mV
∆V
bl(n)(lf)
black level decrease
between clamping pulses
related to maximum colour
signal (pins 22, 19 and 16)
FPOL = 0; fline = 60 kHz;
δ = 10%
−
0.1
−
%
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com