Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLR Datasheet(PDF) 1 Page - Lapp.

Part # SLR
Description  Strain relief cable glands
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPP [Lapp.]
Direct Link  https://e.lapp.com/us/
Logo LAPP - Lapp.

SLR Datasheet(HTML) 1 Page - Lapp.

  SLR Datasheet HTML 1Page - Lapp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
for current information see: www.lappusa.com • www.lappcanada.com
498
SKINTOP®
Strain relief cable glands
Application advantage
Approvals
Technical data
Material:
Color:
Locknuts:
Temperature range:
Protection:
If not otherwise specified, all values relating to the product are nominal values.
Photographs are not to scale and are not true representations of the products in question.
Non-metallic cable glands
SKINTOP® SL/SLR
Strain relief with PG thread
Technical data
Material:
- body:
polyamide
- bushing:
CR
Color:
black (RAL 9005), UV resistant
gray (RAL 7001)
Locknuts:
included
Temperature range:
- static:
-40°C to +100°C
- dynamic:
-20°C to +80°C
Protection:
70 PSI
- seal:
IP68, 5 bar
NEMA 1, 12
• The heavy duty SKINTOP® design provides great pullout
strength and very reliable strain relief
• Superior integrated locking mechanism includes an internal
ratchet for vibration-proof protection
• Multi-trapezoidal thread requires just one twist to tighten
• Generous high-quality neoprene bushing provides a liquid-
tight and dust-proof hermetic seal
SKINTOP® SL/SLR is a durable, liquid-tight, easy-to-assemble strain relief
cable gland with PG thread that is universally suited for all types of machinery
& equipment, including automation, motion control, process control and
robotics. SKINTOP® SLR includes reducer bushing.
Part number
with locknut
Part number
without locknut*
Thread
UL
status
Clamping range (øF)
Wrenching
flats
(SW)
Overall
length
(C)
Thread
length
(D)
Pack
size
black
gray
black
gray
in
mm
in
in
in
Standard
S2107
S1107
53015200
53015000
PG 7
Recognized
0.098 - 0.256
2.5 - 6.5
0.591
1.260
0.315
100
S2109
S1109
53015210
53015010
PG 9
Recognized
0.138 - 0.315
3.5 - 8.0
0.748
1.417
0.315
100
S2111
S1111
53015220
53015020
PG 11
Recognized
0.157 - 0.394
4 - 10
0.866
1.496
0.315
100
S2113
S1113
53015230
53015030
PG 13
Listed
0.236 - 0.472
6 - 12
0.945
1.614
0.354
100
S2116
S1116
53015240
53015040
PG 16
Listed
0.354 - 0.551
9 - 14
1.063
1.732
0.394
50
S2121
S1121
53015250
53015050
PG 21
Listed
0.512 - 0.709
13 - 18
1.299
1.929
0.433
50
S2129
S1129
53015260
53015060
PG 29
Recognized
0.551 - 0.984
14 - 25
1.654
2.205
0.433
25
S2136
S1136
53015270
53015070
PG 36
Listed
0.945 - 1.260
24 - 32
2.087
2.598
0.512
10
S2142
S1142
53015280
53015080
PG 42
Recognized
1.378 - 1.496
35 - 38
2.362
2.677
0.512
5
S2148
S1148
53015290
53015090
PG 48
Listed
1.535 - 1.732
39 - 44
2.559
2.717
0.551
5
Reducer bushing
S2207
S1207
53015300
53015100
PG 7
Recognized
0.059 - 0.197
1.5 - 5
0.591
1.260
0.315
100
S2209
S1209
53015310
53015110
PG 9
Recognized
0.079 - 0.236
2 - 6
0.748
1.417
0.315
100
S2211
S1211
53015320
53015120
PG 11
Recognized
0.079 - 0.276
2 - 7
0.866
1.496
0.315
100
S2213
S1213
53015330
53015130
PG 13
Listed
0.157 - 0.354
4 - 9
0.945
1.614
0.354
100
S2216
S1216
53015340
53015140
PG 16
Listed
0.236 - 0.472
6 - 12
1.063
1.732
0.394
50
S2221
S1221
53015350
53015150
PG 21
Listed
0.354 - 0.630
9 - 16
1.299
1.929
0.433
50
S2229
S1229
53015360
53015160
PG 29
Recognized
0.433 - 0.787
11 - 20
1.654
2.205
0.433
25
S2236
S1236
53015370
53015170
PG 36
Listed
0.669 - 1.024
17 - 26
2.087
2.598
0.512
10
S2242
S1242
53015380
53015180
PG 42
Recognized
0.866 - 1.220
22 - 31
2.362
2.677
0.512
5
S2248
S1248
53015390
53015190
PG 48
Listed
1.024 - 1.378
26 - 35
2.559
2.717
0.551
5
* The use of a locknut is required per UL if the end-use application consists of inserting the cable gland through a non-threaded hole
Orders of 2000 pieces or more per item will be bulk packaged unless otherwise requested
UNCONTROLLED COPY


Similar Part No. - SLR

ManufacturerPart #DatasheetDescription
logo
Ningbo songle relay co....
SLR SONGLERELAY-SLR Datasheet
3Mb / 2P
30A switching capability
logo
Littelfuse
SLR LITTELFUSE-SLR Datasheet
297Kb / 2P
Solid-State Relay - Non-Isolated
2016 Rev: 1-A-062716
logo
YAGEO Corporation
SLR YAGEO-SLR Datasheet
1Mb / 8P
Cement Resistors
Aug. 12, 2024 V.2
logo
SHINMEI ELECTRIC CO., L...
SLR-1-10101B SHINMEI-SLR-1-10101B Datasheet
140Kb / 3P
SLIDE POTENTIOMETER
logo
Ningbo songle relay co....
SLR-12VDC-R-A SONGLERELAY-SLR-12VDC-R-A Datasheet
3Mb / 2P
30A switching capability
More results

Similar Description - SLR

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
620AA002 GLENAIR-620AA002 Datasheet
28Kb / 1P
Strain Relief
620AS046 GLENAIR-620AS046 Datasheet
39Kb / 1P
Strain Relief
620DS054M GLENAIR-620DS054M Datasheet
162Kb / 1P
Strain Relief
620FS048 GLENAIR-620FS048 Datasheet
303Kb / 1P
Strain Relief
620AS001Z116 GLENAIR-620AS001Z116 Datasheet
38Kb / 1P
Strain Relief
M85049-43-3N GLENAIR-M85049-43-3N Datasheet
73Kb / 1P
Strain Relief
M85049-45-A8 GLENAIR-M85049-45-A8 Datasheet
73Kb / 1P
Strain Relief
MS27558-1 GLENAIR-MS27558-1 Datasheet
72Kb / 1P
Strain Relief
logo
Weidmuller
0260700000 WEIDMULLER-0260700000 Datasheet
742Kb / 22P
Cable glands
logo
List of Unclassifed Man...
KT-1 ETC1-KT-1 Datasheet
189Kb / 1P
Cable Strain Relief Assembly Tool
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com