Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FM-RTFQ1 Datasheet(PDF) 3 Page - rfsolutions.ltd

Part # FM-RTFQ1
Description  FM Transmitter & Receiver Hybrid Modules
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFSOLUTIONS [rfsolutions.ltd]
Direct Link  http://www.rfsolutions.co.uk
Logo RFSOLUTIONS - rfsolutions.ltd

FM-RTFQ1 Datasheet(HTML) 3 Page - rfsolutions.ltd

  FM-RTFQ1 Datasheet HTML 1Page - rfsolutions.ltd FM-RTFQ1 Datasheet HTML 2Page - rfsolutions.ltd FM-RTFQ1 Datasheet HTML 3Page - rfsolutions.ltd FM-RTFQ1 Datasheet HTML 4Page - rfsolutions.ltd FM-RTFQ1 Datasheet HTML 5Page - rfsolutions.ltd FM-RTFQ1 Datasheet HTML 6Page - rfsolutions.ltd FM-RTFQ1 Datasheet HTML 7Page - rfsolutions.ltd FM-RTFQ1 Datasheet HTML 8Page - rfsolutions.ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
FM Transmitter & Receiver Modules
DS-070-9
RTFQ1 Mechanical Dimensions
RTFQ1 SMT Mechanical Dimensions
RTFQ2 Mechanical Dimensions
30.48m m
10.67m m
P C B Layo ut R equirem ents
M o dule T hickness 2m m
P ins o n "0.1 pitch
P in Dim ensions :
0.25m m x 0.50m m
RT F Q 2
1 2
3 4 5
1m m
20.32m m
2.54
2.54 spacing
RTFQ1
RTFQ2
Name
Description
1
N/A
En
Enable (active high)
2
5
IN
Data input
3
1
GND
Ground, Connect to RF earth return path
4
3
Vcc
Supply Voltage
5
4
GND
Ground, Connect to RF earth return path
6
2
EA
External Antenna
1
2
3
Top V iew
(Com ponents
Underneath)
20.32m m
11.43m m
P C B Layo ut R equirem ents
6
5
4
5.08m m
2.54m m
20m m
M o dule T hickness 2m m
P ins o n "0.1 pitch
P in Dim ensions :
0.25m m x 0.50m m
Technical Specifications RTFQ1P. RTFQ2P
Electrical Characteristics
MIN
TYPICAL
MAX
DIMENSION
Supply Voltage
R Version
2.1
4
3.3
4.00
12
V
Supply Current
7
8
mA
Standby Current (IN = EN = Low)
100
nA
Frequency
315.00
433.92
868.35
MHz
RF Output into 50W (Vcc=3.3V)
10
dBm
Initial Frequency Accuracy
-35
0
+35
KHz
FM Deviation
25
30
35
KHz
Harmonic Spurious Emissions
-50
dBc
Input High Voltage RTFQ1
1.5
Vcc
V
Input High Voltage RTFQ2
1.5
5.5
V
Power up Time (En to full RF)
1
mS
Power up Time (Power on to full RF)
5
mS
Max Data Rate
9.6
KHz
Power up Time (Power on to full RF)
5
mS
Max Data Rate
9.6
Kbit/s
Operating Temperature
-20
+85
°C
Pin Description
1
2
3
Top V iew
(Com ponents
Underneath)
20.32m m
11.43m m
P C B Layo ut R equirem ents
6
5
4
5.08m m
2.54m m
20m m
M o dule T hickness 2m m
P ins o n "0.1 pitch
P in Dim ensions :
0.25m m x 0.50m m
Tolerance + 0.2 / - 0.0mm
(Legs may be tinned during manufacture)
Tolerance + 0.2 / - 0.0mm
(Legs may be tinned during manufacture)
Tolerance + 0.2 / - 0.0mm
(Legs may be tinned during manufacture)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com