Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FM-RTFQ1 Datasheet(PDF) 5 Page - rfsolutions.ltd

Part # FM-RTFQ1
Description  FM Transmitter & Receiver Hybrid Modules
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFSOLUTIONS [rfsolutions.ltd]
Direct Link  http://www.rfsolutions.co.uk
Logo RFSOLUTIONS - rfsolutions.ltd

FM-RTFQ1 Datasheet(HTML) 5 Page - rfsolutions.ltd

  FM-RTFQ1 Datasheet HTML 1Page - rfsolutions.ltd FM-RTFQ1 Datasheet HTML 2Page - rfsolutions.ltd FM-RTFQ1 Datasheet HTML 3Page - rfsolutions.ltd FM-RTFQ1 Datasheet HTML 4Page - rfsolutions.ltd FM-RTFQ1 Datasheet HTML 5Page - rfsolutions.ltd FM-RTFQ1 Datasheet HTML 6Page - rfsolutions.ltd FM-RTFQ1 Datasheet HTML 7Page - rfsolutions.ltd FM-RTFQ1 Datasheet HTML 8Page - rfsolutions.ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
FM Transmitter & Receiver Modules
DS-070-9
Technical Specifications
Pin Description
RSSI Output*
RRFQ1
Pin Description
1
+Vcc
2, 7,11
GND
3
Data In (Antenna)
12
NC
13
Received Signal Strength Out-
put
N/A
AF Output
14
Data Out
15
Power Down 0V = Standby
5V = Operating
RF In (dBm)
RSSI (V)
-120
1.20
-110
1.32
-100
1.50
-90
1.78
-80
2.06
-70
2.35
-60
2.62
-50
2.72
-40
2.75
Electrical Characteristics
Min
Typical
Max
Dimension
Notes
Supply Voltage (Vcc)
4.5
5
5.5
V
Supply Current (Operating)
5.7
6.8
mA
Supply Current (Standby)
100
nA
Receiver Frequency
315.00
433.92
868.35
MHz
R.F Sensitivity
315 ,433MHZ versions
868MHz versions
-103
-100
dBm
3dB Bandwidth
+/-150
KHz
Data Rate
RRFQ1 CTC
RRFQ1 /RRFQ2
300
300
9,600
4,800
Hz
Turn on Time
5
mSecs
1
Turn on Time
8
mSecs
2
Level of Emitted Spectrum
-70
dBm
Low Level Output Voltage
0.8
V
I = 200uA
High Level Output Voltage
Vcc-1
V
I = 200uA
RSSI Output
0.95
mA
Operating Temperature Range
-25
+80
o
C
Notes
Time from PD pin going high to stable data. (RRFQ1 only)
Time from Power ON to stable data.
RSSI Output
The RSSI provides a DC Voltage proportional to the peak value of the receive data signal. This
output can be used as an indicator for the received signal strength to use in wake-up circuits etc.
An used to provide the timing for the RSSI signal. The modules have a 10nF capacitor internally
connected tRC circuit is normally o GND, therefore a pull down resistor (to GND) connected to
the RSSI pin may be used to generate a simple RC network time constant for the RSSI signal
output.
Please note that the maximum output current is typically 950µA, the discharge current is lower
than 2µA.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com