Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FM-RTFQ1-433P Datasheet(PDF) 2 Page - rfsolutions.ltd

Part # FM-RTFQ1-433P
Description  FM Transmitter & Receiver Hybrid Modules
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFSOLUTIONS [rfsolutions.ltd]
Direct Link  http://www.rfsolutions.co.uk
Logo RFSOLUTIONS - rfsolutions.ltd

FM-RTFQ1-433P Datasheet(HTML) 2 Page - rfsolutions.ltd

  FM-RTFQ1-433P Datasheet HTML 1Page - rfsolutions.ltd FM-RTFQ1-433P Datasheet HTML 2Page - rfsolutions.ltd FM-RTFQ1-433P Datasheet HTML 3Page - rfsolutions.ltd FM-RTFQ1-433P Datasheet HTML 4Page - rfsolutions.ltd FM-RTFQ1-433P Datasheet HTML 5Page - rfsolutions.ltd FM-RTFQ1-433P Datasheet HTML 6Page - rfsolutions.ltd FM-RTFQ1-433P Datasheet HTML 7Page - rfsolutions.ltd FM-RTFQ1-433P Datasheet HTML 8Page - rfsolutions.ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
FM Transmitter & Receiver Modules
DS-070-9
Transmitters
There are three versions of transmitter:
RTFQ1;
A dual in line package operating at 3.3V. This provides the most rugged mechanical
fixing to the host PCB. Power down mode is also available.
RTFQ1 SM:
A dual in line surface mount package operating at 3.3V. This provides the quickest
and most efficient mechanical fixing to the host PCB.
RTFQ2;
A Single in line package operating at 3.3V.
Transmitter Block Diagram
XTAL
XTAL
Oscillator
PLL
Synthesizer
Power Amp
In
En
Out
433MHz Transmitter Modules
Part Number
Description
FM-RTFQ1-433P
DIL Module
FM-RTFQ1-433PSO
SMT Module
FM-RTFQ2-433R
SIL Module
433MHz Transmitter Modules
Part Number
Description
FM-RTFQ1A-433P
DIL Module
FM-RTFQ2C-433P
SIL Module
The following parts are Manufactured in Asia:
Note: These modules are manufactured in ASIA with the sole purpose of reducing costs.
(the soldering of the legs is a manual process and therefore lower cost.
The modules are built to the same design, layout and tested to the same level providing a
finished product with the same RF performance.
There is a difference in the dimension of the legs used. For ASIAN manufacture products the
leg dimensions are 0.25 x 0.4mm.
Transmitter Part Numbering



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com