Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FM-RTFQ1-433P Datasheet(PDF) 1 Page - rfsolutions.ltd

Part # FM-RTFQ1-433P
Description  FM Transmitter & Receiver Hybrid Modules
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFSOLUTIONS [rfsolutions.ltd]
Direct Link  http://www.rfsolutions.co.uk
Logo RFSOLUTIONS - rfsolutions.ltd

FM-RTFQ1-433P Datasheet(HTML) 1 Page - rfsolutions.ltd

  FM-RTFQ1-433P Datasheet HTML 1Page - rfsolutions.ltd FM-RTFQ1-433P Datasheet HTML 2Page - rfsolutions.ltd FM-RTFQ1-433P Datasheet HTML 3Page - rfsolutions.ltd FM-RTFQ1-433P Datasheet HTML 4Page - rfsolutions.ltd FM-RTFQ1-433P Datasheet HTML 5Page - rfsolutions.ltd FM-RTFQ1-433P Datasheet HTML 6Page - rfsolutions.ltd FM-RTFQ1-433P Datasheet HTML 7Page - rfsolutions.ltd FM-RTFQ1-433P Datasheet HTML 8Page - rfsolutions.ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
FM-RTFQ1 / FM-RRFQ1 Series
DS-070-9
Description
These miniature RF modules provide a cost effective high performance FM Radio data link, at
433.92MHz. The modules uses no adjustable components ensuring very reliable operation.
This transmitter and receiver pair enables the simple implementation of a data link at distances up
to 75 metres in-building and 250 metres open ground.
The modules are EMC/RED certified and meet the requirements for FCCpart15
Applications will suit one-to-one and multi-node wireless links in applications including car and build-
ing security, EPOS and inventory tracking, remote industrial process monitoring and computer net-
working. Because of their small size and low power requirements both modules are ideal for use in
portable, battery-powered applications such as hand-held terminals.
FM Transmitter & Receiver Hybrid Modules
Features
FM Radio Transmitters & Receivers
Transmit Range up to 250m
Miniature Packages
Data Rate up to 9.6Kbps
No Adjustable Components
Very Stable Operating Frequency
Operates from –20 to +850C
EMC Compliant for use in Europe
Receiver
• PLL XTAL Design
• CMOS/TTL Output
• RSSI Output
• Standby Mode (max 100nA)
• 5V Supply Voltage
Transmitter
• 3V / 4-12V Supply Voltage Versions
• SIL, DIL or SMT Packages available
RRFQ1
RRFQ1
RTFQ2
RTFQ2
Applications
• Wireless Security Systems
• Car Alarms
• Remote Gate Controls
• Remote Sensing
• Data Capture
• Sensor Reporting
RTFQ1A
RTFQ1A


Similar Part No. - FM-RTFQ1-433P

ManufacturerPart #DatasheetDescription
logo
rfsolutions.ltd
FM-RTFQ1-433 RFSOLUTIONS-FM-RTFQ1-433 Datasheet
422Kb / 6P
FM TRANSMITTER & RECEIVER HYBRID MODULES
FM-RTFQ1-433SM RFSOLUTIONS-FM-RTFQ1-433SM Datasheet
422Kb / 6P
FM TRANSMITTER & RECEIVER HYBRID MODULES
More results

Similar Description - FM-RTFQ1-433P

ManufacturerPart #DatasheetDescription
logo
rfsolutions.ltd
FM-RTFQ RFSOLUTIONS-FM-RTFQ Datasheet
422Kb / 6P
FM TRANSMITTER & RECEIVER HYBRID MODULES
FM-TX2-XXX RFSOLUTIONS-FM-TX2-XXX Datasheet
341Kb / 9P
FM TRANSMITTER & RECEIVER MODULES. (2ND GENERATION)
T5-434 RFSOLUTIONS-T5-434 Datasheet
116Kb / 8P
FM Radio Transmitter & Receiver Modules
T6-8684-20 RFSOLUTIONS-T6-8684-20 Datasheet
130Kb / 7P
Radio Transmitter & Receiver Modules
QFMT5-434 RFSOLUTIONS-QFMT5-434 Datasheet
3Mb / 6P
FM Radio Transmitter & Receiver Modules
logo
Radiometrix Ltd
TX3A-869-64 RADIOMETRIX-TX3A-869-64 Datasheet
451Kb / 15P
UHF FM Data Transmitter and Receiver Modules
TX2-433-40-5V RADIOMETRIX-TX2-433-40-5V Datasheet
753Kb / 15P
UHF FM Data Transmitter and Receiver Modules
TX2A-433-64 RADIOMETRIX-TX2A-433-64 Datasheet
269Kb / 11P
UHF FM Data Transmitter and Receiver Modules
TX2A RADIOMETRIX-TX2A Datasheet
207Kb / 10P
UHF FM Data Transmitter and Receiver Modules
logo
rfsolutions.ltd
DS305-9 RFSOLUTIONS-DS305-9 Datasheet
122Kb / 8P
FM Radio Transmitter & Receiver Modules
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com