Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADFC13 Datasheet(PDF) 1 Page - Abracon Corporation

Part # ADFC13
Description  MULTI-LAYER DIELECTRIC FILTER
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ADFC13 Datasheet(HTML) 1 Page - Abracon Corporation

  ADFC13 Datasheet HTML 1Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Center Frequency Fc
Bandwidth
Insertion Loss
Ripple
V.S.W.R.
Relative Attenuation
1425 ~ 1440 MHz
1649 ~ 1660 MHz
3786 ~ 3840 MHz
Dimensions: inch (mm)
ABRACON IS
ABRACON IS
ISO 9001 / QS 9000
ISO 9001 / QS 9000
CERTIFIED
CERTIFIED
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
30332 Esperanza, Rancho Santa Margarita, California 92688
tel 949-546-8000 | fax 949-546-8001 | www.abracon.com
STANDARD SPECIFICATIONS:
OUTLINE DRAWING:
PACKAGING: -T= Tape and Reel (1,000pcs/reel)
ADFC13-1906.50 - A
MHz
MHz
dB
dB
BW
dB
dB
dB
1906.50
+/-13.5
≤0.9
≤0.5
≤2.0
≥38
≥10
≥25
CHARACTERISTICS
UNIT
TYP.
Center Frequency Fc
Bandwidth
Insertion Loss
Ripple
V.S.W.R.
Relative Attenuation
1405 ~ 1440 MHz
1649 ~ 1680 MHz
3786 ~ 3840 MHz
5679 ~ 5760 MHz
ADFC13-1906.50 - B
MHz
MHz
dB
dB
BW
dB
dB
dB
dB
1906.50
+/-13.5
≤1.4
≤0.5
≤2.0
≥40
≥10
≥24
≥20
CHARACTERISTICS
UNIT
TYP.
Center Frequency Fc
Bandwidth
Insertion Loss
Ripple
V.S.W.R.
Relative Attenuation
902 ~ 928 MHz
1500 ~ 1550 MHz
2050 ~ 2100 MHz
4800 ~ 5000 MHz
ADFC13-2450 - C
MHz
MHz
dB
dB
BW
dB
dB
dB
dB
2450
+/-50.0
≤1.4
≤0.6
≤2.0
≥30
≥35
≥6
≥20
CHARACTERISTICS
UNIT
TYP.
Operating Temperature
Storage Temperature
Impedance @ Input/Output
Reliability (MTBF)
-40°C to +85°C
-40°C to +85°C
50
Ω
1x10-6/pc.hr
|||||||||||||||
ADFC13 Series
MULTI-LAYER DIELECTRIC FILTER
MULTI-LAYER DIELECTRIC FILTER
MULTI-LAYER DIELECTRIC FILTER
3.2 x 1.6 x 1.2mm
*RoHS COMPLIANT
1.0
0.8
4.0
2.4
1.5
0.6
0.9
1.8
0.4
3.
Φ 0.3
1.6±0.1
3.2±0.15
12±0.1
1
2
*
*
*
1
2
b
a
b
b: 0.6±0.1mm
a: 0.4±0.1mm
b: 0.3±0.1mm
INPUT
OUTPUT
GRN


Similar Part No. - ADFC13

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ADFC15-2450-00-A-T ABRACON-ADFC15-2450-00-A-T Datasheet
834Kb / 2P
SMD 2.45GHz Dielectric Band Pass Filter
12.03.12
ADFC15-245000-A-T ABRACON-ADFC15-245000-A-T Datasheet
834Kb / 2P
SMD 2.45GHz Dielectric Band Pass Filter
12.03.12
ADFC18-2450.00-A-T ABRACON-ADFC18-2450.00-A-T Datasheet
803Kb / 2P
SMD 2.45GHz Dielectric Band Pass Filter
12.03.12
ADFC18-245000-A-T ABRACON-ADFC18-245000-A-T Datasheet
803Kb / 2P
SMD 2.45GHz Dielectric Band Pass Filter
12.03.12
More results

Similar Description - ADFC13

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ADFC21 ABRACON-ADFC21 Datasheet
137Kb / 2P
MULTI-LAYER DIELECTRIC FILTER
06.22.07
ADFC22 ABRACON-ADFC22 Datasheet
129Kb / 2P
MULTI-LAYER DIELECTRIC FILTER
ADFC23 ABRACON-ADFC23 Datasheet
123Kb / 1P
MULTI-LAYER DIELECTRIC FILTER
07.10.07
ADFC31 ABRACON-ADFC31 Datasheet
78Kb / 1P
MULTI-LAYER DIELECTRIC FILTER
ADFC32 ABRACON-ADFC32 Datasheet
118Kb / 2P
MULTI-LAYER DIELECTRIC FILTER
ADFC43 ABRACON-ADFC43 Datasheet
90Kb / 1P
MULTI-LAYER DIELECTRIC FILTER
12.18.06
logo
Central Technologies
CTCBF-P CT-CTCBF-P Datasheet
435Kb / 2P
Chip Beads - Multi-layer
CTDIP2012F CT-CTDIP2012F Datasheet
517Kb / 2P
Multi-layer Diplexer
logo
MERITEK ELECTRONICS COR...
CC MERITEK-CC Datasheet
337Kb / 6P
dielectric layer between two electrodes.
logo
TAI-SAW TECHNOLOGY CO.,...
TL0010A TAI-SAW-TL0010A Datasheet
188Kb / 5P
Multi-layer Filter 2450 MHz
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com