Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADFC21 Datasheet(PDF) 2 Page - Abracon Corporation

Part # ADFC21
Description  MULTI-LAYER DIELECTRIC FILTER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ADFC21 Datasheet(HTML) 2 Page - Abracon Corporation

  ADFC21 Datasheet HTML 1Page - Abracon Corporation ADFC21 Datasheet HTML 2Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
|||||||||||||||
ADFC21 Series
Revised: 06.22.07
Pb RoHS
Compliant
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
30332 Esperanza, Rancho Santa Margarita, California 92688
tel 949-546-8000 | fax 949-546-8001 | www.abracon.com
OUTLINE DRAWING:
MULTI-LAYER DIELECTRIC FILTER
2.0 x 1.25 x 0.95mm
Dimensions: inch (mm)
T= Tape and Reel (1,000pcs/reel)
1.25 ± 0.1
2.0 ± 0.2
0.95 ± 0.1
12
**
*
b
a
0.2
2.0 ± 0.1
1.25 ± 0.1
0.9 ± 0.2
a
a
a
b
b
7
6
5
1
2
3
8
4
0.25
0.25
d
c
1 : Input
2 : Output
* GND
a: 0.4 ± 0.1mm
b: 0.8 ± 0.1mm
Input 8
Output 4
NC 2,6
GND 1,3,5,7
a: 0.3 ± 0.1mm
b: 0.3 ± 0.1mm
c: 0.3 ± 0.1mm
d: 0.3 ± 0.1mm
TYPE A



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com