Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADFC21 Datasheet(PDF) 1 Page - Abracon Corporation

Part # ADFC21
Description  MULTI-LAYER DIELECTRIC FILTER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ADFC21 Datasheet(HTML) 1 Page - Abracon Corporation

  ADFC21 Datasheet HTML 1Page - Abracon Corporation ADFC21 Datasheet HTML 2Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ABRACON P/N
|||||||||||||||
ADFC21 Series
ADFC21 Series
Revised: 06.22.07
Pb RoHS
Compliant
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
30332 Esperanza, Rancho Santa Margarita, California 92688
tel 949-546-8000 | fax 949-546-8001 | www.abracon.com
STANDARD SPECIFICATIONS:
MULTI-LAYER DIELECTRIC FILTER
PARAMETERS
ADFC21-2450.00 - B
ADFC21-4885.00 - C
Center Frequency Fc
Bandwidth
Insertion Loss
Ripple
V.S.W.R.
Relative Attenuation
2 X fo MHz
3 X fo MHz
4 X fo MHz
MHz
MHz
dB
dB
BW
dB
dB
dB
2450.00
+/-50.0
≤0.5
≤1.0
≤2.0
≥27
≥30
≥30
*+/-5.0
*+/-5.0
*+/-0.5
*+/-0.5
*+/-0.2
*+/-3.0
*+/-3.0
*+/-3.0
CHARACTERISTICS
UNIT
TYP.
TOL.
*Post Environmental Tolerance
Center Frequency Fc
Bandwidth
Insertion Loss
Ripple
V.S.W.R.
Relative Attenuation
1607 ~ 1649 MHz
3214 ~ 3298 MHz
6429 ~ 6596 MHz
MHz
MHz
dB
dB
BW
dB
dB
dB
4885.00
+/-62.5
≤2.5
≤1.0
≤2.0
≥30
≥30
≥28
*+/-5.0
*+/-5.0
*+/-0.5
*≤0.5
*+/-0.2
*+/-3.0
*+/-3.0
*+/-3.0
CHARACTERISTICS
UNIT
TYP.
TOL.
*Post Environmental Tolerance
ADFC21-5510.00 - D
ADFC21-5800.00 - E
Center Frequency Fc
Bandwidth
Insertion Loss
Ripple
V.S.W.R.
Relative Attenuation
@ 4000 MHz
@ 4600 MHz
@ 11800 MHz
MHz
MHz
dB
dB
BW
dB
dB
dB
5510.00
+/-362.5
≤2.3
≤1.2
≤2.0
≥30
≥30
≥25
*+/-5.0
*+/-5.0
*+/-0.5
*+/-0.5
*+/-0.2
*+/-3.0
*+/-3.0
*+/-3.0
CHARACTERISTICS
UNIT
TYP.
TOL.
*Post Environmental Tolerance
Center Frequency Fc
Bandwidth
Insertion Loss
Ripple
V.S.W.R.
Relative Attenuation
3000 ~ 3400 MHz
@ 6800 MHz
@ 8500 MHz
MHz
MHz
dB
dB
BW
dB
dB
dB
5800.00
+/-62.5
≤2.5
≤1.0
≤2.0
≥35
≥10
≥25
*+/-5.0
*+/-5.0
*+/-0.5
*≤0.5
*+/-0.2
*+/-3.0
*+/-3.0
*+/-3.0
CHARACTERISTICS
UNIT
TYP.
TOL.
*Post Environmental Tolerance
Operating Temperature
Storage Temperature
Impedance @ Input/Output
Input Power
Reliability (MTBF)
-40°C to +85°C
-40°C to +85°C
50
Ω
0.5W
1x10-6/pc.hr
2.0 x 1.25 x 0.95mm


Similar Part No. - ADFC21

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ADFC22 ABRACON-ADFC22 Datasheet
129Kb / 2P
MULTI-LAYER DIELECTRIC FILTER
ADFC23 ABRACON-ADFC23 Datasheet
123Kb / 1P
MULTI-LAYER DIELECTRIC FILTER
07.10.07
More results

Similar Description - ADFC21

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ADFC13 ABRACON-ADFC13 Datasheet
84Kb / 1P
MULTI-LAYER DIELECTRIC FILTER
ADFC22 ABRACON-ADFC22 Datasheet
129Kb / 2P
MULTI-LAYER DIELECTRIC FILTER
ADFC23 ABRACON-ADFC23 Datasheet
123Kb / 1P
MULTI-LAYER DIELECTRIC FILTER
07.10.07
ADFC31 ABRACON-ADFC31 Datasheet
78Kb / 1P
MULTI-LAYER DIELECTRIC FILTER
ADFC32 ABRACON-ADFC32 Datasheet
118Kb / 2P
MULTI-LAYER DIELECTRIC FILTER
ADFC43 ABRACON-ADFC43 Datasheet
90Kb / 1P
MULTI-LAYER DIELECTRIC FILTER
12.18.06
logo
Central Technologies
CTCBF-P CT-CTCBF-P Datasheet
435Kb / 2P
Chip Beads - Multi-layer
CTDIP2012F CT-CTDIP2012F Datasheet
517Kb / 2P
Multi-layer Diplexer
logo
MERITEK ELECTRONICS COR...
CC MERITEK-CC Datasheet
337Kb / 6P
dielectric layer between two electrodes.
logo
TAI-SAW TECHNOLOGY CO.,...
TL0010A TAI-SAW-TL0010A Datasheet
188Kb / 5P
Multi-layer Filter 2450 MHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com