Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADFC22 Datasheet(PDF) 2 Page - Abracon Corporation

Part # ADFC22
Description  MULTI-LAYER DIELECTRIC FILTER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ADFC22 Datasheet(HTML) 2 Page - Abracon Corporation

  ADFC22 Datasheet HTML 1Page - Abracon Corporation ADFC22 Datasheet HTML 2Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ABRACON IS
ABRACON IS
ISO 9001 / QS 9000
ISO 9001 / QS 9000
CERTIFIED
CERTIFIED
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
30332 Esperanza, Rancho Santa Margarita, California 92688
tel 949-546-8000 | fax 949-546-8001 | www.abracon.com
OUTLINE DRAWING:
STANDARD SPECIFICATIONS (CONT’D):
|||||||||||||||
ADFC22 Series
MULTI-LAYER DIELECTRIC FILTER
MULTI-LAYER DIELECTRIC FILTER
MULTI-LAYER DIELECTRIC FILTER
*RoHS COMPLIANT
Dimensions: inch (mm)
PACKAGING: -T= Tape and Reel (1,000pcs/reel)
2.5 x 2.0 x 1.2mm
Operating Temperature
Storage Temperature
Impedance @ Input/Output
Input Power
Reliability (MTBF)
-40°C to +85°C
-40°C to +85°C
50Ω
1.0W
1x10-6/pc.hr
ADFC22-2450.00 - F
Center Frequency Fc
Bandwidth
Insertion Loss
Ripple
V.S.W.R.
Relative Attenuation
880 ~ 915 MHz
1710 ~ 1950 MHz
@ 2100 MHz
4800 ~ 5000 MHz
7200 ~ 7500 MHz
MHz
MHz
dB
dB
BW
dB
dB
dB
dB
dB
2450.00
+/-50.0
≤2.7
≤1.0
≤2.0
≥45
≥40
≥35
≥28
≥30
*+/-5.0
*+/-5.0
*+/-0.5
*≤0.5
*+/-0.2
*+/-2.0
*+/-2.0
*+/-2.0
*+/-2.0
*+/-2.0
CHARACTERISTICS
UNIT
TYP.
TOL.
*Post Environmental Tolerance
ADFC22-5787.50 - G
Center Frequency Fc
Bandwidth
Insertion Loss
Ripple
V.S.W.R.
Relative Attenuation
902 ~ 928 MHz
3919 ~ 4044 MHz
4822 ~ 4947 MHz
MHz
MHz
dB
dB
BW
dB
dB
dB
5787.50
+/-62.5
≤2.3
≤1.0
≤2.0
≥50
≥34
≥30
*+/-5.0
*+/-5.0
*+/-0.5
*≤0.5
*+/-0.2
*+/-3.0
*+/-3.0
*+/-3.0
CHARACTERISTICS
UNIT
TYP.
TOL.
*Post Environmental Tolerance
Input : 1
Output : 2
* GND
a. 0.5±0.1mm
b. 0.2±0.05mm



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com