Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADFC22 Datasheet(PDF) 1 Page - Abracon Corporation

Part # ADFC22
Description  MULTI-LAYER DIELECTRIC FILTER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ADFC22 Datasheet(HTML) 1 Page - Abracon Corporation

  ADFC22 Datasheet HTML 1Page - Abracon Corporation ADFC22 Datasheet HTML 2Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ABRACON IS
ABRACON IS
ISO 9001 / QS 9000
ISO 9001 / QS 9000
CERTIFIED
CERTIFIED
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
30332 Esperanza, Rancho Santa Margarita, California 92688
tel 949-546-8000 | fax 949-546-8001 | www.abracon.com
STANDARD SPECIFICATIONS:
ADFC22-1906.50 - C
ADFC22-1906.5 - B
|||||||||||||||
ADFC22 Series
MULTI-LAYER DIELECTRIC FILTER
MULTI-LAYER DIELECTRIC FILTER
MULTI-LAYER DIELECTRIC FILTER
*RoHS COMPLIANT
Center Frequency Fc
Bandwidth
Insertion Loss
Ripple
V.S.W.R.
Relative Attenuation
1420 ~ 1430 MHz
1650 ~ 1660 MHz
@ 2120 MHz
MHz
MHz
dB
dB
BW
dB
dB
dB
1906.50
+/-13.5
≤3.0
≤1.0
≤2.0
≥40
≥30
≥20
*+/-5.0
*+/-5.0
*+/-0.5
*≤0.5
*+/-0.2
*+/-2.0
*+/-2.0
*+/-2.0
CHARACTERISTICS
UNIT
TYP.
TOL.
*Post Environmental Tolerance
ADFC22-1906.50 - A
Center Frequency Fc
Bandwidth
Insertion Loss
Ripple
V.S.W.R.
Relative Attenuation
1660 ~ 1680 MHz
2130 ~ 2150 MHz
@ 3814 MHz
MHz
MHz
dB
dB
BW
dB
dB
dB
1906.50
+/-13.5
≤1.5
≤1.0
≤2.0
≥15
≥10
≥23
*+/-5.0
*+/-5.0
*+/-0.5
≤0.5
*+/-0.2
*+/-2.0
*+/-2.0
*+/-2.0
CHARACTERISTICS
UNIT
TYP.
TOL.
*Post Environmental Tolerance
ADFC22-2450.00 - D
Center Frequency Fc
Bandwidth
Insertion Loss
Ripple
V.S.W.R.
Relative Attenuation
1710 ~ 1785 MHz
1850 ~ 1910 MHz
4800 ~ 5000 MHz
MHz
MHz
dB
dB
BW
dB
dB
dB
2450.00
+/-50.0
≤1.2
≤0.6
≤2.0
≥30
≥35
≥25
*+/-5.0
*+/-5.0
*+/-0.5
*≤0.5
*+/-0.2
*+/-2.0
*+/-2.0
*+/-2.0
CHARACTERISTICS
UNIT
TYP.
TOL.
*Post Environmental Tolerance
ADFC22-2450.00 - E
Center Frequency Fc
Bandwidth
Insertion Loss
Ripple
V.S.W.R.
Relative Attenuation
@ 1750 MHz
@ 2100 MHz
@ 4900 MHz
MHz
MHz
dB
dB
BW
dB
dB
dB
2450.00
+/-50.0
≤1.7
≤1.0
≤2.0
≥27
≥25
≥30
*+/-5.0
*+/-5.0
*+/-0.5
*≤0.5
*+/-0.2
*+/-2.0
*+/-2.0
*+/-2.0
CHARACTERISTICS
UNIT
TYP.
TOL.
*Post Environmental Tolerance
Center Frequency Fc
Bandwidth
Insertion Loss
Ripple
V.S.W.R.
Relative Attenuation
1420 ~ 1430 MHz
1650 ~ 1660 MHz
@ 2139 MHz
3786 ~ 3840 MHz
MHz
MHz
dB
dB
BW
dB
dB
dB
dB
1906.50
+/-13.5
≤2.5
≤0.5
≤2.0
≥40
≥40
≥15
≥25
*+/-2.0
*+/-5.0
*+/-0.5
*≤0.5
*+/-0.2
*+/-2.0
*+/-2.0
*+/-2.0
*+/-2.0
CHARACTERISTICS
UNIT
TYP.
TOL.
*Post Environmental Tolerance
2.5 x 2.0 x 1.2mm


Similar Part No. - ADFC22

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ADFC21 ABRACON-ADFC21 Datasheet
137Kb / 2P
MULTI-LAYER DIELECTRIC FILTER
06.22.07
ADFC23 ABRACON-ADFC23 Datasheet
123Kb / 1P
MULTI-LAYER DIELECTRIC FILTER
07.10.07
More results

Similar Description - ADFC22

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ADFC13 ABRACON-ADFC13 Datasheet
84Kb / 1P
MULTI-LAYER DIELECTRIC FILTER
ADFC21 ABRACON-ADFC21 Datasheet
137Kb / 2P
MULTI-LAYER DIELECTRIC FILTER
06.22.07
ADFC23 ABRACON-ADFC23 Datasheet
123Kb / 1P
MULTI-LAYER DIELECTRIC FILTER
07.10.07
ADFC31 ABRACON-ADFC31 Datasheet
78Kb / 1P
MULTI-LAYER DIELECTRIC FILTER
ADFC32 ABRACON-ADFC32 Datasheet
118Kb / 2P
MULTI-LAYER DIELECTRIC FILTER
ADFC43 ABRACON-ADFC43 Datasheet
90Kb / 1P
MULTI-LAYER DIELECTRIC FILTER
12.18.06
logo
Central Technologies
CTCBF-P CT-CTCBF-P Datasheet
435Kb / 2P
Chip Beads - Multi-layer
CTDIP2012F CT-CTDIP2012F Datasheet
517Kb / 2P
Multi-layer Diplexer
logo
MERITEK ELECTRONICS COR...
CC MERITEK-CC Datasheet
337Kb / 6P
dielectric layer between two electrodes.
logo
TAI-SAW TECHNOLOGY CO.,...
TL0010A TAI-SAW-TL0010A Datasheet
188Kb / 5P
Multi-layer Filter 2450 MHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com