Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADFC23 Datasheet(PDF) 1 Page - Abracon Corporation

Part # ADFC23
Description  MULTI-LAYER DIELECTRIC FILTER
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ADFC23 Datasheet(HTML) 1 Page - Abracon Corporation

  ADFC23 Datasheet HTML 1Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
MULTI-LAYER DIELECTRIC FILTER
|||||||||||||||
ADFC23 SERIES
STANDARD SPECIFICATIONS:
OUTLINE DRAWING:
3.2 x 2.5 x 1.5mm
RoHS
Compliant
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
30332 Esperanza, Rancho Santa Margarita, California 92688
tel 949-546-8000 | fax 949-546-8001 | www.abracon.com
Revised: 07.10.07
Visit www.abracon.com for Terms & Conditions of Sale
Dimensions: inch (mm)
PACKAGING: T = Tape and Reel (1,000pcs/reel)
2.5
1.0
0.2
0.7
0.8
0.7
0.9
0.9
1 : Input
2 : Output
* GND
a: 0.6±0.1mm
b: 0.4±0.1mm
9.3919
2.2050
5.7972
b
a
b
1
**
*
2
ADFC23-1890.00 - A
ADFC23-2450.00 - B
Center Frequency Fc
Bandwidth
Insertion Loss
Ripple
V.S.W.R.
Relative Attenuation
1660 ~ 1680 MHz
@ 3800 MHz
@ 5700 MHz
MHz
MHz
dB
dB
BW
dB
dB
dB
1890.00
+/-10.0
≤2.0
≤0.5
≤2.0
≥24
≥32
≥24
*+/-2.0
*+/-1.0
*+/-0.5
≤0.5
*+/-0.2
*+/-2.0
*+/-2.0
*+/-2.0
CHARACTERISTICS
UNIT
TYP.
TOL.
Center Frequency Fc
Bandwidth
Insertion Loss
Ripple
V.S.W.R.
Relative Attenuation
1440 MHz
1680 MHz
@ 3815 MHz
@ 5720 MHz
MHz
MHz
dB
dB
BW
dB
dB
dB
dB
2450.00
+/-13.5
≤1.8
≤1.0
≤2.0
≥28
≥25
≥32
≥20
*+/-2.0
*+/-1.0
*+/-0.5
*+/-0.5
*+/-0.2
*+/-2.0
*+/-2.0
*+/-2.0
*+/-2.0
CHARACTERISTICS
UNIT
TYP.
TOL.
*Post Environmental Tolerance
*Post Environmental Tolerance
Operating Temperature
Storage Temperature
Impedance @ Input/Output
Input Power
Reliability (MTBF)
-40°C to +85°C
-40°C to +85°C
50
Ω
1W
1x10-6/pc.hr


Similar Part No. - ADFC23

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ADFC21 ABRACON-ADFC21 Datasheet
137Kb / 2P
MULTI-LAYER DIELECTRIC FILTER
06.22.07
ADFC22 ABRACON-ADFC22 Datasheet
129Kb / 2P
MULTI-LAYER DIELECTRIC FILTER
More results

Similar Description - ADFC23

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ADFC13 ABRACON-ADFC13 Datasheet
84Kb / 1P
MULTI-LAYER DIELECTRIC FILTER
ADFC21 ABRACON-ADFC21 Datasheet
137Kb / 2P
MULTI-LAYER DIELECTRIC FILTER
06.22.07
ADFC22 ABRACON-ADFC22 Datasheet
129Kb / 2P
MULTI-LAYER DIELECTRIC FILTER
ADFC31 ABRACON-ADFC31 Datasheet
78Kb / 1P
MULTI-LAYER DIELECTRIC FILTER
ADFC32 ABRACON-ADFC32 Datasheet
118Kb / 2P
MULTI-LAYER DIELECTRIC FILTER
ADFC43 ABRACON-ADFC43 Datasheet
90Kb / 1P
MULTI-LAYER DIELECTRIC FILTER
12.18.06
logo
Central Technologies
CTCBF-P CT-CTCBF-P Datasheet
435Kb / 2P
Chip Beads - Multi-layer
CTDIP2012F CT-CTDIP2012F Datasheet
517Kb / 2P
Multi-layer Diplexer
logo
MERITEK ELECTRONICS COR...
CC MERITEK-CC Datasheet
337Kb / 6P
dielectric layer between two electrodes.
logo
TAI-SAW TECHNOLOGY CO.,...
TL0010A TAI-SAW-TL0010A Datasheet
188Kb / 5P
Multi-layer Filter 2450 MHz
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com