Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AIAM-01-R82K Datasheet(PDF) 1 Page - Abracon Corporation

Part # AIAM-01-R82K
Description  THROUGH-HOLE MOLDED INDUCTORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

AIAM-01-R82K Datasheet(HTML) 1 Page - Abracon Corporation

  AIAM-01-R82K Datasheet HTML 1Page - Abracon Corporation AIAM-01-R82K Datasheet HTML 2Page - Abracon Corporation AIAM-01-R82K Datasheet HTML 3Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Part
L
Q
L
SRF DCR
IDC
Number
(µH) (MIN) Test (MIN)
(mA)
(MHz) (MHz) (MAX)
(MAX)
Part
L
Q
L
SRF DCR
IDC
Number
(µH) (MIN) Test (MIN)
(mA)
(MHz) (MHz) (MAX)
(MAX)
AIAM-01-R022K
.022
50
50 900 .025 2400
AIAM-01-R027K
.027
40
25 875 .033 2200
AIAM-01-R033K
.033
40
25 850 .035 2000
AIAM-01-R039K
.039
40
25 825
.04
1900
AIAM-01-R047K
.047
40
25 800 .045 1800
AIAM-01-R056K
.056
40
25 775
.05
1700
AIAM-01-R068K
.068
40
25 750
.06
1500
AIAM-01-R082K
40
40
25 725
.07
1400
AIAM-01-R10K
.10
40
25 680
.08
1350
AIAM-01-R12K
.12
40
25 640
.09
1270
AIAM-01-R15K
.15
38
25 600
.10
1200
AIAM-01-R18K
.18
35
25 550
.12
1105
AIAM-01-R22K
.22
33
25 510
.14
1025
AIAM-01-R27K
.27
33
25 430
.16
960
AIAM-01-R33K
.33
30
25 410
.22
815
AIAM-01-R39K
.39
30
25 365
.30
700
AIAM-01-R47K
.47
30
25 330
.35
650
AIAM-01-R56K
.56
30
25 300
.50
545
AIAM-01-R68K
.68
28
25 275
.60
495
AIAM-01-R82K
.82
28
25 250
.85
415
AIAM-01-1R0K
1.0
25
25 230
1.0
385
AIAM-01-1R2K
1.2
25 7.9 150
.18
590
AIAM-01-1R5K
1.5
28 7.9 140
.22
535
AIAM-01-1R8K
1.8
30 7.9 125
.30
455
AIAM-01-2R2K
2.2
30 7.9 115
.40
395
AIAM-01-2R7K
2.7
37 7.9 100
.55
355
AIAM-01-3R3K
3.3
45 7.9
90
.85
270
AIAM-01-3R9K
3.9
45 7.9
80
1.0
250
AIAM-01-4R7K
4.7
45 7.9
75
1.2
230
AIAM-01-5R6K
5.6
50 7.9
65
1.8
185
AIAM-01-6R8K
6.8
50 7.9
60
2.0
175
AIAM-01-8R2K
8.2
55 7.9
55
2.7
155
AIAM-01-100K
10
55 7.9
50
3.7
130
AIAM-01-120K
12
45 2.5
40
2.7
155
AIAM-01-150K
15
40 2.5
35
2.8
150
AIAM-01-180K
18
50 2.5
30
3.1
145
AIAM-01-220K
22
50 2.5
25
3.3
140
AIAM-01-270K
27
50 2.5
20
3.5
135
AIAM-01-330K
33
45 2.5
24
3.4
130
AIAM-01-390K
39
45 2.5
22
3.6
125
AIAM-01-470K
47
45 2.5
20
4.5
110
AIAM-01-560K
56
45 2.5
18
5.7
100
AIAM-01-680K
68
50 2.5
15
6.7
92
AIAM-01-820K
82
50 2.5
14
7.3
88
AIAM-01-101K
100
50 2.5
13
8.0
84
AIAM-01-121K
120
30 .79
12
13
66
AIAM-01-151K
150
30 .79
11
15
61
AIAM-01-181K
180
30 .79
10
17
57
AIAM-01-221K
220
30 .79 9.0
21
52
AIAM-01-271K
270
30 .79 8.0
25
47
AIAM-01-331K
330
30 .79 7.0
28
45
AIAM-01-391K
390
30 .79 6.5
35
40
AIAM-01-471K
470
30 .79 6.0
42
36
AIAM-01-561K
560
30 .79 5.0
46
35
AIAM-01-681K
680
30 .79 4.0
60
30
AIAM-01-821K
820
30 .79 3.8
65
29
AIAM-01-102K
1000
30 .79 3.4
72
28
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
30332 Esperanza, Rancho Santa Margarita, California 92688
tel 949-546-8000 | fax 949-546-8001 | www.abracon.com
THROUGH-HOLE MOLDED INDUCTORS
THROUGH-HOLE MOLDED INDUCTORS
THROUGH-HOLE MOLDED INDUCTORS
AIAM-01 SERIES
|||||||||||||||
PHYSICAL CHARACTERISTICS:
STANDARD SPECIFICATIONS:
TECHNICAL INFORMATION:
• Inductance (L) tolerance: J = 5%, K = 10%, M = 20%
• Letter suffix indicates standard tolerance
• Current rating at which inductance (L) drops 10%
• Operating temperature -55°C to +105°C
• Storage temperature -55°C to +85°C
• Dimensions: inches / mm; see spec sheet for tolerance limits
• Marking per EIA 4-band color code
Note: All specifications subject to change without notice.
0.095
(2,29)
0.020
(0,51)
0.250
(6,35)
1.15
(29,21)


Similar Part No. - AIAM-01-R82K

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
AIAC-0805C ABRACON-AIAC-0805C Datasheet
2Mb / 3P
SMT Air Coil Inductor
11.20.12
AIAC-0805C-10N ABRACON-AIAC-0805C-10N Datasheet
2Mb / 3P
SMT Air Coil Inductor
11.20.12
AIAC-0805C-12N ABRACON-AIAC-0805C-12N Datasheet
2Mb / 3P
SMT Air Coil Inductor
11.20.12
AIAC-0805C-15N ABRACON-AIAC-0805C-15N Datasheet
2Mb / 3P
SMT Air Coil Inductor
11.20.12
AIAC-0805C-18N ABRACON-AIAC-0805C-18N Datasheet
2Mb / 3P
SMT Air Coil Inductor
11.20.12
More results

Similar Description - AIAM-01-R82K

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
AIAS-01 ABRACON-AIAS-01 Datasheet
119Kb / 4P
THROUGH-HOLE MOLDED SHIELDED INDUCTORS
logo
Token Electronics Indus...
TCALN0204 TOKEN-TCALN0204 Datasheet
428Kb / 11P
TCAL Through Hole Fixed Inductors
logo
Delta Electronics, Inc.
THXR1290 DELTA-THXR1290 Datasheet
188Kb / 1P
Through Hole Power Inductors
THMR1395 DELTA-THMR1395 Datasheet
171Kb / 1P
Through Hole Power Inductors
THCBR1090 DELTA-THCBR1090 Datasheet
163Kb / 1P
Through Hole Power Inductors
THAR1285 DELTA-THAR1285 Datasheet
185Kb / 1P
Through Hole Power Inductors
THAR0806 DELTA-THAR0806 Datasheet
327Kb / 1P
Through Hole Power Inductors
THAH1485 DELTA-THAH1485 Datasheet
165Kb / 1P
Through Hole Power Inductors
THAH1055 DELTA-THAH1055 Datasheet
169Kb / 1P
Through Hole Power Inductors
logo
RFE international
LGB RFE-LGB Datasheet
1Mb / 8P
Through-Hole Inductors
AUG-02-2023
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com