Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AIAM-01-R82K Datasheet(PDF) 2 Page - Abracon Corporation

Part # AIAM-01-R82K
Description  THROUGH-HOLE MOLDED INDUCTORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

AIAM-01-R82K Datasheet(HTML) 2 Page - Abracon Corporation

  AIAM-01-R82K Datasheet HTML 1Page - Abracon Corporation AIAM-01-R82K Datasheet HTML 2Page - Abracon Corporation AIAM-01-R82K Datasheet HTML 3Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Part
L
Q
L
SRF DCR
IDC
Number
(µH) (MIN) Test (MIN)
(mA)
(MHz) (MHz) (MAX)
(MAX)
56
62
68
75
82
91
100
110
120
130
150
160
180
200
220
240
270
300
330
360
390
430
470
510
560
620
680
750
820
910
1000
55
55
55
55
50
50
60
65
65
65
65
65
65
65
65
65
65
65
65
65
65
65
65
65
65
65
55
55
55
55
55
2.5
2.5
2.5
2.5
2.5
2.5
2.5
0.79
0.79
0.79
0.79
0.79
0.79
0.79
0.79
0.79
0.79
0.79
0.79
0.79
0.79
0.79
0.79
0.79
0.79
0.79
0.79
0.79
0.79
0.79
0.79
12
11.5
11
10.5
10.3
10
9.5
8.9
8.7
8.5
8.0
7.5
7.0
6.5
6.2
5.9
5.7
5.4
5.1
4.8
4.5
4.2
3.9
3.7
3.5
3.3
3.1
2.9
2.7
2.5
2.3
3.00
3.15
3.30
3.70
3.90
4.30
4.50
4.90
5.20
5.45
6.05
6.40
6.75
7.10
7.45
7.80
11.0
11.5
12.0
15.5
16.3
17.1
17.9
18.8
24.7
25.9
27.2
28.6
30.0
31.5
33.1
164
160
156
147
143
136
133
128
124
121
114
111
108
106
103
101
129
125
123
108
105
102
100
98
85
83
81
79
77
76
74
AIAM-02-560J
AIAM-02-620J
AIAM-02-680J
AIAM-02-750J
AIAM-02-820J
AIAM-02-910J
AIAM-02-101J
AIAM-02-111J
AIAM-02-121J
AIAM-02-131J
AIAM-02-151J
AIAM-02-161J
AIAM-02-181J
AIAM-02-201J
AIAM-02-221J
AIAM-02-241J
AIAM-02-271J
AIAM-02-301J
AIAM-02-331J
AIAM-02-361J
AIAM-02-391J
AIAM-02-431J
AIAM-02-471J
AIAM-02-511J
AIAM-02-561J
AIAM-02-621J
AIAM-02-681J
AIAM-02-751J
AIAM-02-821J
AIAM-02-911J
AIAM-02-102J
Part
L
Q
L
SRF DCR
IDC
Number
(µH) (MIN) Test (MIN)
(mA)
(MHz) (MHz) (MAX)
(MAX)
0.15
0.22
0.33
0.47
0.56
0.68
0.82
1.0
1.2
1.5
1.8
2.2
2.7
3.3
3.9
4.7
5.6
6.8
8.2
10
12
15
18
22
27
33
36
39
43
47
51
50
50
45
45
50
50
50
50
33
33
33
33
33
33
33
33
45
50
50
55
65
65
75
75
60
65
60
60
60
55
55
25
25
25
25
25
25
25
25
7.9
7.9
7.9
7.9
7.9
7.9
7.9
7.9
7.9
7.9
7.9
7.9
2.5
2.5
2.5
2.5
2.5
2.5
2.5
2.5
2.5
2.5
2.5
525
450
360
310
280
250
250
200
180
160
150
135
120
110
100
90
55
55
50
45
42
40
34
30
25
19
15.5
14.5
13.7
13
12.7
0.03
.055
0.09
0.12
.135
0.15
0.22
0.29
0.42
0.23
0.65
0.95
1.20
2.00
2.30
2.60
0.32
0.50
0.60
0.90
1.10
1.40
2.25
2.50
2.60
3.00
2.50
2.60
2.70
2.75
2.85
2740
2080
1580
1370
1290
1220
1020
880
730
670
590
485
430
335
310
294
565
450
410
335
3.5
271
213
202
202
185
180
176
172
170
167
AIAM-02-R15M
AIAM-02-R22M
AIAM-02-R33M
AIAM-02-R47M
AIAM-02-R56K
AIAM-02-R68K
AIAM-02-R82K
AIAM-02-1R0K
AIAM-02-1R2K
AIAM-02-1R5K
AIAM-02-1R8K
AIAM-02-2R2K
AIAM-02-2R7K
AIAM-02-3R3K
AIAM-02-3R9K
AIAM-02-4R7K
AIAM-02-5R6K
AIAM-02-6R8K
AIAM-02-8R2K
AIAM-02-100K
AIAM-02-120K
AIAM-02-150K
AIAM-02-180K
AIAM-02-220K
AIAM-02-270K
AIAM-02-330K
AIAM-02-360J
AIAM-02-390J
AIAM-02-430J
AIAM-02-470J
AIAM-02-510J
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
30332 Esperanza, Rancho Santa Margarita, California 92688
tel 949-546-8000 | fax 949-546-8001 | www.abracon.com
THROUGH-HOLE MOLDED INDUCTORS
THROUGH-HOLE MOLDED INDUCTORS
THROUGH-HOLE MOLDED INDUCTORS
AIAM-02 SERIES
|||||||||||||||
PHYSICAL CHARACTERISTICS:
STANDARD SPECIFICATIONS:
TECHNICAL INFORMATION:
• Inductance (L) tolerance: J = 5%, K = 10%, M = 20%
• Letter suffix indicates standard tolerance
• Current rating at which inductance (L) drops 10%
• Operating temperature -55°C to +85°C
• Storage temperature -55°C to +125°C
• Dimensions: inches / mm; see spec sheet for tolerance limits
• Marking per EIA 4-band color code
Note: All specifications subject to change without notice.
0.15
(3,81)
0.025
(0,63)
0.37
(9,40)
1.15
(29,21)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com